Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9782 Datasheet HTML 18Page - Analog Devices AD9782 Datasheet HTML 19Page - Analog Devices AD9782 Datasheet HTML 20Page - Analog Devices AD9782 Datasheet HTML 21Page - Analog Devices AD9782 Datasheet HTML 22Page - Analog Devices AD9782 Datasheet HTML 23Page - Analog Devices AD9782 Datasheet HTML 24Page - Analog Devices AD9782 Datasheet HTML 25Page - Analog Devices AD9782 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
AD9782
Preliminary Technical Data
Rev. PrC | Page 22 of 52
Table 18.
CALMEMCK(OE)
Bit
Direction
Default
Description
CALMEM
[5:4]
O
00
Calibration memory
00: Uncalibrated
01: Self Calibration
10: Factory calibration
11: User input
CALCKDIV[2:0]
[2:0]
I
00
Calibration clock divide ratio from channel data rate
000: /32
001: /64
:
110: /2048
111: /4096
Table 19.
MEMRDWR(OF)
Bit
Direction
Default
Description
CALSTAT
7
O
0
0: Self Calibration cycle not complete
1: Self Calibration cycle complete
CALEN
6
I
0
1: Self Calibration in progress
XFERSTAT
5
O
0
0: Factory memory transfer not complete
1: Factory memory transfer complete
XFEREN
4
I
0
1: Factory memory transfer in progress
SMEMWR
3
I
0
1: Write static memory data from external port
SMEMRD
2
I
0
1: Read static memory to external port
FMEMRD
1
I
0
1: Read factory memory data to external port
UNCAL
0
I
0
1: Use uncalibrated
Table 20.
MEMADDR(10)
Bit
Direction
Default
Description
MEMADDR [7:0]
[7:0]
I/O
00000000
Address of factory or static memory to be accessed
Table 21.
MEMDATA(11)
Bit
Direction
Default
Description
MEMDATA [5:0]
[5:0]
I/O
000000
Data or factory or static memory access
Table 22.
DCRCSTAT(12)
Bit
Direction
Default
Description
DCRCSTAT (2)
2
O
0
0: With DATACLK CRC on, lock has never been achieved
1: With DATACLK CRC on, lock has been achieved at least once
DCRCSTAT(1)
1
O
0
0: With DATACLK CRC on, system is currently not locked
1: With DATACLK CRC on, system is currently locked
DCRCSTAT(0)
0
O
0
0: With DATACLK CRC on, system is currently locked
1: With DATACLK CRC on, system lost lock due to jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com