Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 47 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9782 Datasheet HTML 43Page - Analog Devices AD9782 Datasheet HTML 44Page - Analog Devices AD9782 Datasheet HTML 45Page - Analog Devices AD9782 Datasheet HTML 46Page - Analog Devices AD9782 Datasheet HTML 47Page - Analog Devices AD9782 Datasheet HTML 48Page - Analog Devices AD9782 Datasheet HTML 49Page - Analog Devices AD9782 Datasheet HTML 50Page - Analog Devices AD9782 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Preliminary Technical Data
AD9782
Rev. PrC | Page 47 of 52
DVDDS
OPCLK
DGND;8
DVDDS;16
1
2
3
6
5
15
4
C53
0.1
µF
C52
4.7
µF
6.3V
C44
4.7
µF
6.3V
C51
0.1
µF
C43
4.7
µF
6.3V
C50
0.1
µF
R50
9k
Ω
R48
9k
Ω
R45
9k
Ω
OPCLK_3
SPCSB
SPCLK
R20
10k
Ω
SPSDI
R21
10k
Ω
SPSDO
U5
12
13
11
9
10
DVDDS
8
3
5
4
2
1
6
SW5
2
1
3
SDO
SDI
CLK
CSB
PRE
CLR
Q
Q_
J
K
CLK
74LCX112
U7
74AC14
74AC14
74AC14
A
B
SPI PORT
P1
SW4
2
1
3
A
B
SW3
2
1
3
A
B
SW2
2
1
3
A
B
U5
U5
U5
21
3
5
4
6
74AC14
74AC14
74AC14
U5
U5
++
U6
13
12
10
8
11
9
74AC14
74AC14
74AC14
U6
U6
U6
12
4
6
3
5
74AC14
74AC14
74AC14
U6
U6
DGND;8
DVDDS;16
13
12
11
7
9
14
10
PRE
CLR
Q
Q_
J
K
CLK
74LCX112
U7
+
Figure 79. SPI and One-Port Clock Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com