Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9782 Datasheet HTML 28Page - Analog Devices AD9782 Datasheet HTML 29Page - Analog Devices AD9782 Datasheet HTML 30Page - Analog Devices AD9782 Datasheet HTML 31Page - Analog Devices AD9782 Datasheet HTML 32Page - Analog Devices AD9782 Datasheet HTML 33Page - Analog Devices AD9782 Datasheet HTML 34Page - Analog Devices AD9782 Datasheet HTML 35Page - Analog Devices AD9782 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
AD9782
Preliminary Technical Data
Rev. PrC | Page 32 of 52
Table 32. Dual Channel Complex Modulation
MODSING
REALIMAG
MOD[1]
MOD[0]
Mode
0
0
0
0
Real output, no modulation
0
0
0
1
Real output, modulation by fDAC/2
0
0
1
0
Real output, modulation fDAC/4
0
0
1
1
Real output, modulation fDAC/8
0
1
0
0
Image output, no modulation
0
1
0
1
Imag output, modulation by fDAC/2
0
1
1
0
Imag output, modulation by fDAC/4
0
1
1
1
Imag output, modulation by fDAC/8
In dual channel mode, the two channels may be modulated by a
complex signal, with either the real or imaginary modulation
result directed to the DAC. Assume initially that the complex
modulating signal is defined for a positive frequency only; this
causes the output spectrum to be translated in frequency by the
modulation factor only. No additional sidebands are created as a
result of the modulation process, and therefore the bandwidth
to the first image from the baseband bandwidth is the same as
the output of the interpolation filters. Furthermore, pass bands
will not overlap or touch. The sinc shaping at the corners of the
modulated signal band are tabulated. Figure 52 shows the
complex modulations.
Table 33.
Interpolation
Modulation
None
×2
×4
×8
None
0
0
0
0
–2.8241
–0.6708
–0.1657
–0.0413
fDAC/2
–0.0701
–1.1932
–2.3248
–3.0590
–22.5378
–9.1824
–6.1190
–4.9337
fDAC/4
–0.4680
–0.0175
–0.2921
–0.5974
–6.0630
–3.3447
–1.9096
–1.3607
fDAC/8
–1.3723
–0.1160
–0.0044
–0.0727
–4.9592
–1.7195
–0.7866
–0.4614
Modulated passband edges sinc shaping(lower/upper).
FILTERED INTERPOLATION IMAGES
fS/8 MODULATION
NO NEGATIVE
SIDEBAND
Figure 51. Complex Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com