Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9782 Datasheet HTML 8Page - Analog Devices AD9782 Datasheet HTML 9Page - Analog Devices AD9782 Datasheet HTML 10Page - Analog Devices AD9782 Datasheet HTML 11Page - Analog Devices AD9782 Datasheet HTML 12Page - Analog Devices AD9782 Datasheet HTML 13Page - Analog Devices AD9782 Datasheet HTML 14Page - Analog Devices AD9782 Datasheet HTML 15Page - Analog Devices AD9782 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
AD9782
Preliminary Technical Data
Rev. PrC | Page 12 of 52
TYPICAL PERFORMANCE CHARATCERISTICS
(TMIN to TMAX, AVDD1, AVDD2 = 3.3 V, ACVDD, ADVDD, CLKVDD, DVDD, DRVDD = 2.5 V, IOUTFS = 20 mA, Differential Transformer
Coupled Output, 50 Ω Doubly Terminated, unless otherwise noted)
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 3 Single-Tone Spectrum@ FDATA = 65 MSPS With FOUT = FDATA/3
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 4. In-Band SFDR vs. FOUT @ FDATA = 65 MSPS
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 5. Out-of-Band SFDR vs. FOUT @ FDATA = 65 MSPS
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 6. Single-Tone Spectrum @ FDATA = 78 MSPS with FOUT = FDATA/3
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 7. In-Band SFDR Vs. FOUT @ FDATA = 78 MSPS
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 8. Out-of-Band SFDR vs. FOUT @ FDATA = 78 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com