| Electronic Components Datasheet Search |
|
AD9782 Datasheet(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9782 Datasheet(HTML) 28 Page - Analog Devices |
|
28 / 52 page ![]() AD9782 Preliminary Technical Data Rev. PrC | Page 28 of 52 –8 –6 –4 –2 –0 2 4 6 8 –150 –100 –50 0 –8 –6 –4 –2 0 2 4 6 8 –150 –100 –50 0 –8 –6 –4 –2 0 2 4 68 –150 –100 –50 0 –8 –6 –4 –2 0 2 4 68 –150 –100 –50 0 NO INTERPOLATION ×4 INTERPOLATION ×2 INTERPOLATION ×8 INTERPOLATION SINC RESPONSE fSIN fSIN fSIN fSIN INTERP[1] = 1 INTERP[0] = 1 INTERP[1] = 1 INTERP[0] = 0 INTERP[1] = 0 INTERP[0] = 1 INTERP[1] = 0 INTERP[0] = 0 Figure 45. Interpolation Modes REAL AND COMPLEX SIGNALS A complex signal contains both magnitude and phase information. Given two signals at the same frequency, if a point in time can be taken such that the signal leading in phase is cosinusoidal and the lagging signal is sinusoidal, then information pertaining to the magnitude and phase of a combination of the two signals can be derived; the combination of the two signals can be considered a complex signal. The cosine and sine can be represented as a series of exponentials; recalling that a multiplication by j is a counter clockwise rotation about the Re/Im plane, the phasor representation of a complex signal, with frequency f, can be shown Figure 46. Im Re C Re Im A/2 A/2 A/2 A/2 FREQUENCY 0 +f –f A 2 πft C = Ae2πft = Acos(2 πft) + jAsin(2πft) Acos(2 πft) = A = [e+j2πft + e–j2πft] e+j2πft + e–j2πft 2 A 2 Asin(2 πft) = A = [je+j2πft + e–j2πft] e+j2πft + e–j2πft 2j A 2 Figure 46. Complex Phasor Representation The cosine term represents a signal on the real plane with mirror symmetry about dc; this is referred to as the real, in- phase or I component of a complex signal. The sine term represents a signal on the imaginary plane with mirror asymmetry about dc; this term is referred to as the imaginary, quadrature or Q complex signal component. The AD9782 has two channels of interpolation filters, allowing both I and Q components to be shaped by the same filter transfer function. The interpolation filters’ frequency response is a real transfer function. Two DACs are required to represent a complex signal. A single DAC can only synthesize a real signal. When a DAC synthesizes a real signal, negative frequency components fold onto the positive frequency axis. If the input to the DAC is mirror symmetrical about dc, the folded negative frequency components fold directly onto the positive frequency components in phase producing constructive signal summation. If the input to the DAC is not mirror symmetric about dc, negative frequency components may not be in phase with positive frequency components and will cause destructive signal summation. Different applications may or may not benefit from either type of signal summation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |