Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9782 Datasheet HTML 10Page - Analog Devices AD9782 Datasheet HTML 11Page - Analog Devices AD9782 Datasheet HTML 12Page - Analog Devices AD9782 Datasheet HTML 13Page - Analog Devices AD9782 Datasheet HTML 14Page - Analog Devices AD9782 Datasheet HTML 15Page - Analog Devices AD9782 Datasheet HTML 16Page - Analog Devices AD9782 Datasheet HTML 17Page - Analog Devices AD9782 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
AD9782
Preliminary Technical Data
Rev. PrC | Page 14 of 52
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 15. TPC 13. Third Order IMD Products vs. FOUT and Interpolation Rate
1× – FDATA = 160 MSPS
2× – FDATA = 160 MSPS
4× – FDATA = 80 MSPS
8× – FDATA = 50 MSPS
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 16. Third Order IMD Products vs. AOUT and Interpolation Rate FDATA =
50 MSPS for All Cases
1× – FDAC = 50 MSPS
2× – FDAC = 100 MSPS
4× – FDAC = 200 MSPS
8× – FDAC = 400 MSPS
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 17. SFDR vs. AVDD @ FOUT = 10 MHz; FDAC = 320 MSPS FDATA = 160 MSPS
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 18. 3rd Order IMD Products vs. AVDD @ FOUT = 10 MHz,
FDAC = 320 MSPS, FDATA = 160 MSPS
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 19. SNR vs. Data Rate for fOUT = 5 MHz
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 20. SFDR vs. Temperature @ fOUT = fDATA/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com