Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 46 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 46 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 42Page - Dallas Semiconductor DS2153Q Datasheet HTML 43Page - Dallas Semiconductor DS2153Q Datasheet HTML 44Page - Dallas Semiconductor DS2153Q Datasheet HTML 45Page - Dallas Semiconductor DS2153Q Datasheet HTML 46Page - Dallas Semiconductor DS2153Q Datasheet HTML 47Page - Dallas Semiconductor DS2153Q Datasheet HTML 48Page - Dallas Semiconductor DS2153Q Datasheet HTML 49Page - Dallas Semiconductor DS2153Q Datasheet HTML 50Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
DS2153Q
46 of 52
AC CHARACTERISTICS -
(0
°C to 70°C; VDD=5V ± 5%)
PARALLEL PORT
(-40
°C to +85°C; VDD=5V +5%/-4% for DS2153QN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Cycle Time
tCYC
250
ns
Pulse Width, DS Low or RD High
PWEL
150
ns
Pulse Width, DS High or RD Low
PWEH
100
ns
Input Rise/Fall Time
tR, tF
30
ns
R/ W Hold Time
tRWH
10
ns
R/ W Setup Time Before DS High
tRWS
50
ns
CS
Setup Time Before DS, WR or RD
active
tCS
20
ns
CS
Hold Time
tCH
0ns
Read Data Hold Time
tDHR
10
50
ns
Write Data Hold Time
tDHW
0ns
Muxed Address Valid to AS or ALE fall
tASL
20
ns
Muxed Address Hold Time
tAHL
10
ns
Delay Time DS, WR or RD to AS or
ALE Rise
tASD
25
ns
Pulse Width AS or ALE High
PWASH
40
ns
Delay Time, AS or ALE to DS, WR or
RD
tASED
20
ns
Output Data Delay Time from DS or
RD
tDDR
20
100
ns
Data Setup Time
tDSW
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com