Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2153Q Datasheet HTML 1Page - Dallas Semiconductor DS2153Q Datasheet HTML 2Page - Dallas Semiconductor DS2153Q Datasheet HTML 3Page - Dallas Semiconductor DS2153Q Datasheet HTML 4Page - Dallas Semiconductor DS2153Q Datasheet HTML 5Page - Dallas Semiconductor DS2153Q Datasheet HTML 6Page - Dallas Semiconductor DS2153Q Datasheet HTML 7Page - Dallas Semiconductor DS2153Q Datasheet HTML 8Page - Dallas Semiconductor DS2153Q Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
DS2153Q
5 of 52
PIN DESCRIPTION Table 1-1
PIN
SYMBOL
TYPE
DESCRIPTION
1
2
3
4
AD4
AD5
AD6
AD7
I/O
Address/Data Bus. An 8-bit multiplexed address/data bus.
5
RD
(DS)
I
Read Input (Data Strobe).
6
CS
I
Chip Select. Must be low to read or write the port.
7ALE(AS)
I
Address Latch Enable (Address Strobe). A positive going edge
serves to demultiplex the bus.
8
WR
(R/ W )
I
Write Input (Read/Write).
9RLINK
O
Receive Link Data. Outputs the full receive data stream including
the Sa bits. See Section 13 for timing details.
10
RLCLK
O
Receive Link Clock. 4 kHz to 20 kHz demand clock for the RLINK
output; controlled by RCR2. See Section 13 for timing details.
11
DVSS
-
Digital Signal Ground. 0.0 volts. Should be tied to local ground
plane.
12
RCLK
O
Receive Clock. Recovered 2.048 MHz clock.
13
RCHCLK
O
Receive Channel Clock. 256 kHz clock which pulses high during
the LSB of each channel. Useful for parallel to serial conversion of
channel data. See Section 13 for timing details.
14
RSER
O
Receive Serial Data. Received NRZ serial data, updated on rising
edges of RCLK or SYSCLK.
15
RSYNC
I/O
Receive Sync. An extracted pulse, one RCLK wide, is output at this
pin which identifies either frame (RCR1.6=0) or multiframe
boundaries (RCR1.6=1). If the elastic store is enabled via the
RCR2.1, then this pin can be enabled to be an input via RCR1.5 at
which a frame boundary pulse is applied. See Section 13 for timing
details.
16
RLOS/LOTC
O
Receive Loss of Sync/Loss of Transmit Clock. A dual function
output. If TCR2.0=0, will toggle high when the synchronizer is
searching for the E1 frame and multiframe; if TCR2.0=1, will toggle
high if the TCLK pin has not toggled for 5
µs.
17
SYSCLK
I
System Clock. 1.544 MHz or 2.048 MHz clock. Only used when
the elastic store functions are enabled via RCR2.1. Should be tied
low in applications that do not use the elastic store. If tied high for at
least 100
µs, will force all output pins (including the parallel port) to
3-state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com