Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 21Page - Dallas Semiconductor DS2153Q Datasheet HTML 22Page - Dallas Semiconductor DS2153Q Datasheet HTML 23Page - Dallas Semiconductor DS2153Q Datasheet HTML 24Page - Dallas Semiconductor DS2153Q Datasheet HTML 25Page - Dallas Semiconductor DS2153Q Datasheet HTML 26Page - Dallas Semiconductor DS2153Q Datasheet HTML 27Page - Dallas Semiconductor DS2153Q Datasheet HTML 28Page - Dallas Semiconductor DS2153Q Datasheet HTML 29Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
DS2153Q
25 of 52
on E1 lines running with CRC4 multiframe. These count registers will increment once each time the
received E-bit is set to 0. Since the maximum E-bit count in a 1-second period is 1000, this counter
cannot saturate. The counter is disabled during loss of sync at either the FAS or CRC4 level; it will
continue to count if loss of multiframe sync occurs at the CAS level.
EBCR1: E-BIT COUNT REGISTER 1 (Address=04 Hex)
EBCR2: E-BIT COUNT REGISTER 2 (Address=05 Hex)
(MSB)
(LSB)
(note 1)
(note 1)
(note 1)
(note 1)
(note 1)
(note 1)
EB9
EB8
EBCR1
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
EBCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
EB9
EBCR1.1
MSB of the 10-bit E-Bit count
EB0
EBCR2.0
LSB of the 10-bit E-Bit count
NOTES:
1. The upper 6 bits of EBCR1 at address 04 are the least significant bits of the 12-bit FAS error counter.
5.4 FAS Bit Error Counter
FAS Count Register 1 (FASCR1) is the most significant word and FASCR2 is the least significant word
of a 12-bit counter that records word errors in the Frame Alignment Signal in timeslot 0. This counter is
disabled during loss of synchronization conditions, (RLOS = 1). Since the maximum FAS word error
count in a 1-second period is 4000, this counter cannot saturate.
FASCR1: FAS BIT COUNT REGISTER 1 (Address=02 Hex)
FASCR2: FAS BIT COUNT REGISTER 2 (Address=04 Hex)
(MSB)
(LSB)
FAS11
FAS10
FAS9
FAS8
FAS7
FAS6
(note 2)
(note 2)
FASCR1
FAS5
FAS4
FAS3
FAS2
FAS1
FAS0
(note 1)
(note 1)
FASCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
FAS11
FASCR1.7
MSB of the 12-bit FAS error count
FAS0
FASCR2.2
LSB of the 12-bit FAS error count
NOTES:
1. The lower 2 bits of FASCR1 at address 02 are the most significant bits of the 10-bit CRC4 error
counter.
2. The lower 2 bits of FASCR2 at address 04 are the most significant bits of the 10-bit E-Bit counter.
6.0 Sa DATA LINK CONTROL AND OPERATION
The DS2153Q provides for access to the proposed E1 performance monitor data link in the Sa bit
positions. The device allows access to the Sa bits either via a set of two internal registers (RNAF and
TNAF) or via two external pins (RLINK and TLINK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com