Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 20Page - Dallas Semiconductor DS2153Q Datasheet HTML 21Page - Dallas Semiconductor DS2153Q Datasheet HTML 22Page - Dallas Semiconductor DS2153Q Datasheet HTML 23Page - Dallas Semiconductor DS2153Q Datasheet HTML 24Page - Dallas Semiconductor DS2153Q Datasheet HTML 25Page - Dallas Semiconductor DS2153Q Datasheet HTML 26Page - Dallas Semiconductor DS2153Q Datasheet HTML 27Page - Dallas Semiconductor DS2153Q Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
DS2153Q
24 of 52
then the VCR counts bipolar violations. Bipolar violations are defined as consecutive marks of the same
polarity. In this mode, if the HDB3 mode is set for the receive side via CCR1.2, then HDB3 code words
are not counted as BPVs. If CCR2.6=1, then the VCR counts code violations as defined in CCITT O.161.
Code violations are defined as consecutive bipolar violations of the same polarity. In most applications,
the DS2153Q should be programmed to count BPVs when receiving AMI code and to count CVs when
receiving HDB3 code. This counter increments at all times and is not disabled by loss of sync conditions.
The counter saturates at 65,535 and will not rollover. The bit error rate on an E1 line would have to be
greater than 10**-2 before the VCR would saturate.
VCR1: UPPER BIPOLAR VIOLATION COUNT REGISTER 1 (Address=00 Hex)
VCR2: LOWER BIPOLAR VIOLATION COUNT REGISTER 2 (Address=01 Hex)
(MSB)
(LSB)
V15
V14
V13
V12
V11
V10
V9
V8
VCR1
V7
V6
V5
V4
V3
V2
V1
V0
VCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
V15
VCR1.7
MSB of the 16-bit bipolar or code violation count
V0
VCR2.0
LSB of the 16-bit bipolar or code violation count
5.2 CRC4 Error Counter
CRC4 Count Register 1 (CRCCR1) is the most significant word and CRCCR2 is the least significant
word of a 10-bit counter that records word errors in the Cyclic Redundancy Check 4 (CRC4). Since the
maximum CRC4 count in a 1-second period is 1000, this counter cannot saturate. The counter is disabled
during loss of sync at either the FAS or CRC4 level; it will continue to count if loss of multiframe sync
occurs at the CAS level.
CRCCR1: CRC4 COUNT REGISTER 1 (Address=02 Hex)
CRCCR2: CRC4 COUNT REGISTER 2 (Address=03 Hex)
(MSB)
(LSB)
(note 1)
(note 1)
(note 1)
(note 1)
(note 1)
(note 1)
CRC9
CRC8
CRCCR1
CRC7
CRC6
CRC5
CRC4
CRC3
CRC2
CRC1
CRC0
CRCCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
CRC9
CRCCR1.1
MSB of the 10-bit CRC4 error count
CRC0
CRCCR2.0
LSB of the 10-bit CRC4 error count
NOTES:
1. The upper 6 bits of CRCCR1 at address 02 are the most significant bits of the 12-bit FAS error
counter.
5.3 E-Bit Counter
E-bit Count Register 1 (EBCR1) is the most significant word and EBCR2 is the least significant word of
a 10-bit counter that records Far End Block Errors (FEBE) as reported in the first bit of frames 13 and 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com