Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 5Page - Dallas Semiconductor DS2153Q Datasheet HTML 6Page - Dallas Semiconductor DS2153Q Datasheet HTML 7Page - Dallas Semiconductor DS2153Q Datasheet HTML 8Page - Dallas Semiconductor DS2153Q Datasheet HTML 9Page - Dallas Semiconductor DS2153Q Datasheet HTML 10Page - Dallas Semiconductor DS2153Q Datasheet HTML 11Page - Dallas Semiconductor DS2153Q Datasheet HTML 12Page - Dallas Semiconductor DS2153Q Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
DS2153Q
9 of 52
ADDRESS
R/W
REGISTER NAME
ADDRESS
R/W
REGISTER NAME
30
R
Receive Signaling 1
40
R/W
Transmit Signaling 1
31
R
Receive Signaling 2
41
R/W
Transmit Signaling 2
32
R
Receive Signaling 3
42
R/W
Transmit Signaling 3
33
R
Receive Signaling 4
43
R/W
Transmit Signaling 4
34
R
Receive Signaling 5
44
R/W
Transmit Signaling 5
35
R
Receive Signaling 6
45
R/W
Transmit Signaling 6
36
R
Receive Signaling 7
46
R/W
Transmit Signaling 7
37
R
Receive Signaling 8
47
R/W
Transmit Signaling 8
38
R
Receive Signaling 9
48
R/W
Transmit Signaling 9
39
R
Receive Signaling 10
49
R/W
Transmit Signaling 10
3A
R
Receive Signaling 11
4A
R/W
Transmit Signaling 11
3B
R
Receive Signaling 12
4B
R/W
Transmit Signaling 12
3C
R
Receive Signaling 13
4C
R/W
Transmit Signaling 13
3D
R
Receive Signaling 14
4D
R/W
Transmit Signaling 14
3E
R
Receive Signaling 15
4E
R/W
Transmit Signaling 15
3F
R
Receive Signaling 16
4F
R/W
Transmit Signaling 16
Note: the Test Registers 1 and 2 are used only by the factory; these registers must be cleared (set to all 0s)
on power-up initialization to insure proper operation.
2.0 PARALLEL PORT
The DS2153Q is controlled via a multiplexed bidirectional address/data bus by an external
microcontroller or microprocessor. The DS2153Q can operate with either Intel or Motorola bus timing
configurations. If the BTS pin is tied low, Intel timing will be selected; if tied high, Motorola timing will
be selected. All Motorola bus signals are listed in parenthesis (). See the timing diagrams in the AC
Electrical Characteristics for more details. The multiplexed bus on the DS2153Q saves pins because the
address information and data information share the same signal paths. The addresses are presented to the
pins in the first portion of the bus cycle and data will be transferred on the pins during second portion of
the bus cycle. Addresses must be valid prior to the falling edge of ALE(AS), at which time the DS2153Q
latches the address from the AD0 to AD7 pins. Valid write data must be present and held stable during
the later portion of the DS WR pulses. In a read cycle, the DS2153Q outputs a byte of data during the
latter portion of the DS or RD pulses. The read cycle is terminated and the bus returns to a high
impedance state as RD transitions high in Intel timing or as DS transitions low in Motorola timing.
3.0 CONTROL AND TEST REGISTERS
The operation of the DS2153Q is configured via a set of seven registers. Typically, the control registers
are only accessed when the system is first powered up. Once the DS2153Q has been initialized, the
control registers will only need to be accessed when there is a change in the system configuration. There
are two Receive Control Register (RCR1 and RCR2), two Transmit Control Registers (TCR1 and TCR2),
and three Common Control Registers (CCR1, CCR2 and CCR3). Each of the seven registers are
described in this section.
The Test Registers at addresses 15 and 19 hex are used by the factory in testing the DS2153Q. On power-
up, the Test Registers should be set to 00 hex in order for the DS2153Q to operate properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com