Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 34 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 34 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 30Page - Dallas Semiconductor DS2153Q Datasheet HTML 31Page - Dallas Semiconductor DS2153Q Datasheet HTML 32Page - Dallas Semiconductor DS2153Q Datasheet HTML 33Page - Dallas Semiconductor DS2153Q Datasheet HTML 34Page - Dallas Semiconductor DS2153Q Datasheet HTML 35Page - Dallas Semiconductor DS2153Q Datasheet HTML 36Page - Dallas Semiconductor DS2153Q Datasheet HTML 37Page - Dallas Semiconductor DS2153Q Datasheet HTML 38Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
DS2153Q
34 of 52
LICR: LINE INTERFACE CONTROL REGISTER (Address=18 Hex)
(MSB)
(LSB)
L2
L1
L0
EGL
JAS
JABDS
DJA
TPD
LICR
SYMBOL
POSITION
NAME AND DESCRIPTION
LB2
LICR.7
Line Build Out Bit 2. Transmit waveshape setting; see Table
12.2.
LB1
LICR.6
Line Build Out Bit 1. Transmit waveshape setting; see Table
12.2.
LB0
LICR.5
Line Build Out Bit 0. Transmit waveshape setting; see Table
12.2.
EGL
LICR.4
Receive Equalizer Gain Limit.
0 = -12 dB
1 = -30 dB
JAS
LICR.3
Jitter Attenuator Select.
0=place the jitter attenuator on the receive side
1=place the jitter attenuator on the transmit side
JABDS
LICR.2
Jitter Attenuator Buffer Depth Select .
0=128 bits
1=32 bits (use for delay sensitive applications)
DJA
LICR.1
Disable Jitter Attenuator.
0=jitter attenuator enabled
1=jitter attenuator disabled
TPD
LICR.0
Transmit Power Down.
0=normal transmitter operation
1=powers down the transmitter and 3-states the TTIP and
TRING pins
12.1 Receive Clock and Data Recovery
The DS2153Q contains a digital clock recovery system. See the DS2153Q Block Diagram in Section 1
and Figure 12.1 for more details. The DS2153Q couples to the receive E1 shielded twisted pair or COAX
via a 1:1 transformer. See Table 12.3 for transformer details. The DS2153Q automatically adjusts to the
E1 signal being received at the RTIP and RRING pins and can handle E1 twisted pair cables of 0.6 mm
(22 AWG) from 0 to 1.5 KM in length. The crystal attached at the XTAL1 and XTAL2 pins is multiplied
by 4 via an internal PLL and fed to the clock recovery system. The clock recovery system uses both edges
of the clock from the PLL circuit to form a 32 times oversampler which is used to recover the clock and
data. This oversampling technique offers outstanding jitter tolerance (see Figure 12.2).
Normally, the clock that is output at the RCLK pin is the recovered clock from the E1 AMI/HDB3
waveform presented at the RTIP and RRING inputs. When no AMI signal is present at RTIP and RRING,
a Receive Carrier Loss (RCL) condition will occur and the RCLK can be sourced from either the ACLKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com