Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 7Page - Dallas Semiconductor DS2153Q Datasheet HTML 8Page - Dallas Semiconductor DS2153Q Datasheet HTML 9Page - Dallas Semiconductor DS2153Q Datasheet HTML 10Page - Dallas Semiconductor DS2153Q Datasheet HTML 11Page - Dallas Semiconductor DS2153Q Datasheet HTML 12Page - Dallas Semiconductor DS2153Q Datasheet HTML 13Page - Dallas Semiconductor DS2153Q Datasheet HTML 14Page - Dallas Semiconductor DS2153Q Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
DS2153Q
11 of 52
RCR2: RECEIVE CONTROL REGISTER 2 (Address=11 Hex)
(MSB)
(LSB)
Sa8S
Sa7S
Sa6S
Sa5S
Sa4S
RSCLKM
RESE
-
SYMBOL
POSITION
NAME AND DESCRIPTION
Sa8S
RCR2.7
Sa8 Bit Select. Set to 1 to report the Sa8 bit at the RLINK pin;
set to 0 to not report the Sa8 bit.
Sa7S
RCR2.6
Sa7 Bit Select. Set to 1to report the Sa7 bit at the RLINK pin;
set to 0 to not report the Sa7 bit.
Sa6S
RCR2.5
Sa6 Bit Select. Set to 1 to report the Sa6 bit at the RLINK pin;
set to 0 to not report the Sa6 bit.
Sa5S
RCR2.4
Sa5 Bit Select. Set to 1 to report the Sa5 bit at the RLINK pin;
set to 0 to not report the Sa5 bit.
Sa4S
RCR2.3
Sa4 Bit Select. Set to 1 to report the Sa4 bit at the RLINK pin;
set to 0 to not report the Sa4 bit.
RSCLKM
RCR2.2
Receive Side SYSCLK Mode Select.
0=if SYSCLK is 1.544 MHz
1=if SYSCLK is 2.048 MHz
RESE
RCR2.1
Receive Side Elastic Store Enable.
0=elastic store is bypassed
1=elastic store is enabled
-
RCR2.0
Not Assigned. Should be set to 0 when written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com