Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2153Q Datasheet HTML 1Page - Dallas Semiconductor DS2153Q Datasheet HTML 2Page - Dallas Semiconductor DS2153Q Datasheet HTML 3Page - Dallas Semiconductor DS2153Q Datasheet HTML 4Page - Dallas Semiconductor DS2153Q Datasheet HTML 5Page - Dallas Semiconductor DS2153Q Datasheet HTML 6Page - Dallas Semiconductor DS2153Q Datasheet HTML 7Page - Dallas Semiconductor DS2153Q Datasheet HTML 8Page - Dallas Semiconductor DS2153Q Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1 of 52
070299
FEATURES
Complete E1(CEPT) PCM-30/ISDN-PRI
transceiver functionality
Onboard line interface for clock/data recovery
and waveshaping
32-bit or 128-bit jitter attenuator
Generates line build-outs for both 120-ohm
and 75-ohm lines
Frames to FAS, CAS, and CRC4 formats
Dual onboard two-frame elastic store slip
buffers that can connect to backplanes up to
8.192 MHz
8-bit parallel control port that can be used on
either multiplexed or non-multiplexed buses
Extracts and inserts CAS signaling
Detects and generates Remote and AIS alarms
Programmable output clocks for Fractional
E1, H0, and H12 applications
Fully independent transmit and receive
functionality
Full access to both Si and Sa bits
Three separate loopbacks for testing
Large counters for bipolar and code
violations, CRC4 code word errors, FAS
errors, and E bits
Pin-compatible with DS2151Q T1 Single-
Chip Transceiver
5V supply; low power CMOS
Industrial grade version (-40
°C to +85°C)
available (DS2153QN)
PIN ASSIGNMENT
DESCRIPTION
The DS2153Q T1 Single-Chip Transceiver (SCT) contains all of the necessary functions for connection
to E1 lines. The onboard clock/data recovery circuitry coverts the AMI/HDB3 E1 waveforms to a NRZ
serial stream. The DS2153 automatically adjusts to E1 22 AWG (0.6 mm) twisted-pair cables from 0 to
1.5 km. The device can generate the necessary G.703 waveshapes for both 75-ohm and 120-ohm cables.
The onboard jitter attenuator (selectable to either 32 bits or 128 bits) can be placed in either the transmit
or receive data paths. The framer locates the frame and multiframe boundaries and monitors the data
stream for alarms. It is also used for extracting and inserting signaling data, Si, and Sa-bit information.
The device contains a set of 71 8-bit internal registers which the user can access to control the operation
DS2153Q
E1 Single-Chip Transceiver
www.dalsemi.com
PARALLEL CONTROL
PORT
FUNCTIONAL BLOCKS
DALLAS
DS2153Q
E1 SCT
ACTUAL SIZE OF 44-PIN PLCC
ALE
WR
RLINK
RLCLK
DVSS
RCLK
RCHCLK
RSER
RSYNC
RLOS/LOTC
SYSCLK
39
38
37
36
35
34
33
32
31
30
29
7
8
9
10
11
12
13
14
15
16
17
TSER
TCLK
DVDD
TSYNC
TLINK
TLCLK
TCHBLK
TRING
TVDD
TVSS
TTIP


Similar Part No. - DS2153Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
E1 Single-Chip Transceiver
REV: 01106
More results

Similar Description - DS2153Q

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
E1 Single Chip Transceiver
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
E1 Single-Chip Transceiver
REV: 01106
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com