| Electronic Components Datasheet Search |
|
DS2153Q Datasheet(PDF) 14 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2153Q Datasheet(HTML) 14 Page - Dallas Semiconductor |
|
14 / 52 page ![]() DS2153Q 14 of 52 CCR1: COMMON CONTROL REGISTER 1 (Address=14 Hex) (MSB) (LSB) FLB THDB3 TG802 TCRC4 RSM RHDB3 RG802 RCRC4 SYMBOL POSITION NAME AND DESCRIPTION FLB CCR1.7 Framer Loopback. 0=loopback disabled 1=loopback enabled THDB3 CCR1.6 Transmit HDB3 Enable. 0=HDB3 disabled 1=HDB3 enabled TG802 CCR1.5 Transmit G.802 Enable. See Section 13 for details. 0=do not force TCHBLK high during bit 1 of timeslot 26 1=force TCHBLK high during bit 1 of timeslot 26 TCRC4 CCR1.4 Transmit CRC4 Enable. 0=CRC4 disabled 1=CRC4 enabled RSM CCR1.3 Receive Signaling Mode Select. 0=CAS signaling mode 1=CCS signaling mode RHDB3 CCR1.2 Receive HDB3 Enable. 0=HDB3 disabled 1=HDB3 enabled RG802 CCR1.1 Receive G.802 Enable. See Section 13 for details. 0=do not force RCHBLK high during bit 1 of timeslot 26 1=force RCHBLK high during bit 1 of timeslot 26 RCRC4 CCR1.0 Receive CRC4 Enable. 0=CRC4 disabled 1=CRC4 enabled FRAMER LOOPBACK When CCR1.7 is set to a 1, the DS2153Q will enter a Framer LoopBack (FLB) mode. This loopback is useful in testing and debugging applications. In FLB, the DS2153Q will loop data from the transmit side back to the receive side. When FLB is enabled, the following will occur: 1. data will be transmitted as normal at TTIP and TRING 2. data off the E1 line at RTIP and RRING will be ignored 3. the RCLK output will be replaced with the TCLK input. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |