Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 41Page - Dallas Semiconductor DS2153Q Datasheet HTML 42Page - Dallas Semiconductor DS2153Q Datasheet HTML 43Page - Dallas Semiconductor DS2153Q Datasheet HTML 44Page - Dallas Semiconductor DS2153Q Datasheet HTML 45Page - Dallas Semiconductor DS2153Q Datasheet HTML 46Page - Dallas Semiconductor DS2153Q Datasheet HTML 47Page - Dallas Semiconductor DS2153Q Datasheet HTML 48Page - Dallas Semiconductor DS2153Q Datasheet HTML 49Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
DS2153Q
45 of 52
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C (-40°C to +85°C for DS2153QN)
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC
(0
°C to 70°C)
OPERATION CONDITIONS
(-40
°C to +85°C for DS2153QN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.0
VDD+0.3
V
Logic 0
VIL
-0.3
+0.8
V
Supply for DS2153Q
VDD
4.75
5.25
V
1
Supply for DS2153QN
VDD
4.80
5.25
V
1
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
7pF
DC
(0
°C to 70°C; VDD=5V ± 5%)
CHARACTERISTICS
(-40
°C to +85°C; VDD=5V +5%/-4% for DS2153QN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current @ 5V
IDD
60
mA
2
Input Leakage
IIL
-1.0
+1.0
µA
3
Output Leakage
ILO
1.0
µA
4
Output Current (2.4V)
IOH
-1.0
mA
Output Current (0.4V)
IOL
+4.0
mA
NOTES:
1. Applies to RVDD, TVDD, and DVDD.
2. TCLK=2.048 MHz.
3. 0.0V < VIN < VDD.
4. Applies to INT1 and INT2 when 3-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com