Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 28 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 28 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 24Page - Dallas Semiconductor DS2153Q Datasheet HTML 25Page - Dallas Semiconductor DS2153Q Datasheet HTML 26Page - Dallas Semiconductor DS2153Q Datasheet HTML 27Page - Dallas Semiconductor DS2153Q Datasheet HTML 28Page - Dallas Semiconductor DS2153Q Datasheet HTML 29Page - Dallas Semiconductor DS2153Q Datasheet HTML 30Page - Dallas Semiconductor DS2153Q Datasheet HTML 31Page - Dallas Semiconductor DS2153Q Datasheet HTML 32Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
DS2153Q
28 of 52
TS1 TO TS16: TRANSMIT SIGNALING REGISTERS (Address=40 to 4F Hex)
(MSB)
(LSB)
000
0
X
Y
X
X
TS1 (40)
A(1)
B(1)
C(1)
D(1)
A(31)
B(16)
C(16)
D(16)
TS2 (41)
A(2)
B(2)
C(2)
D(2)
A(32)
B(17)
C(17)
D(17)
TS3 (42)
A(3)
B(3)
C(3)
D(3)
A(33)
B(18)
C(18)
D(18)
TS4 (43)
A(4)
B(4)
C(4)
D(4)
A(34)
B(19)
C(19)
D(19)
TS5 (44)
A(5)
B(5)
C(5)
D(5)
A(35)
B(20)
C(20)
D(20)
TS6 (45)
A(6)
B(6)
C(6)
D(6)
A(36)
B(21)
C(21)
D(21)
TS7 (43)
A(7)
B(7)
C(7)
D(7)
A(37)
B(22)
C(22)
D(22)
TS8 (47)
A(8)
B(8)
C(8)
D(8)
A(38)
B(23)
C(23)
D(23)
TS9 (48)
A(9)
B(9)
C(9)
D(9)
A(39)
B(24)
C(24)
D(24)
TS10 (49)
A(10)
B(10)
C(10)
D(10)
A(40)
B(25)
C(25)
D(25)
TS11 (4A)
A(11)
B(11)
C(11)
D(11)
A(41)
B(26)
C(26)
D(26)
TS12 (4B)
A(12)
B(12)
C(12)
D(12)
A(42)
B(27)
C(27)
D(27)
TS13 (4C)
A(13)
B(13)
C(13)
D(13)
A(43)
B(28)
C(28)
D(28)
TS14 (4D)
A(14)
B(14)
C(14)
D(14)
A(44)
B(29)
C(29)
D(29)
TS15 (43)
A(15)
B(15)
C(15)
D(15)
A(45)
B(30)
C(30)
D(30)
TS16 (4F)
SYMBOL
POSITION
NAME AND DESCRIPTION
X
TS1.0/1/3
Spare Bits
Y
TS1.2
Remote Alarm Bit
A(1)
TS2.7
Signaling Bit A for Channel 1
D(30)
TS16.0
Signaling Bit D for Channel 30
Each Transmit Signaling Register (TS1 to TS16) contains the CAS bits for two timeslots that will be
inserted into the outgoing stream if enabled to do so via TCR1.5.
On multiframe boundaries, the
DS2153Q will load the values present in the Transmit Signaling Register into an outgoing signaling shift
register that is internal to the device. The user can utilize the Transmit Multiframe bit in Status Register 2
(SR2.5) to know when to update the signaling bits. The bit will be set every 2 ms and the user has 2 ms to
update the TSRs before the old data will be retransmitted.
The TS1 register is special because it contains the CAS multiframe alignment word in its upper nibble.
The upper nibble must always be set to 0000, or else the terminal at the far end will lose multiframe
synchronization. If the user wishes to transmit a multiframe alarm to the far end, then the TS1.2 bit
should be set to a 1. If no alarm is to be transmitted, then the TS1.2 bit should be cleared. The three
remaining bits in TS1 are the spare bits. If they are not used, they should be set to 1. In CCS signaling
mode, TS1 to TS16 can also be used to insert signaling information. Via the SR2.5 bit, the user will be
informed when the signaling registers need to be loaded with data. The user has 2 ms to load the data
before the old data will be retransmitted. Via the CCR3.6 bit, the user has the option to use the Transmit
Channel Blocking Registers (TCBRs) to determine on a channel by channel basis which signaling bits are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com