Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 29 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 29 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 25Page - Dallas Semiconductor DS2153Q Datasheet HTML 26Page - Dallas Semiconductor DS2153Q Datasheet HTML 27Page - Dallas Semiconductor DS2153Q Datasheet HTML 28Page - Dallas Semiconductor DS2153Q Datasheet HTML 29Page - Dallas Semiconductor DS2153Q Datasheet HTML 30Page - Dallas Semiconductor DS2153Q Datasheet HTML 31Page - Dallas Semiconductor DS2153Q Datasheet HTML 32Page - Dallas Semiconductor DS2153Q Datasheet HTML 33Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
DS2153Q
29 of 52
to be inserted via the TSRs (the corresponding bit in the TCBRs=1) and which are to be sourced from the
TSER pin (the corresponding bit in the TCBRs=0). See the Transmit Data Flow diagram in Section 13 for
more details.
8.0 TRANSMIT IDLE REGISTERS
There is a set of five registers in the DS2153Q that can be used to custom tailor the data that is to be
transmitted onto the E1 line, on a channel by channel basis. Each of the 32 E1 channels can be forced to
have a user defined idle code inserted into them.
TIR1/TIR2/TIR3/TIR4: TRANSMIT IDLE REGISTERS (Address=26 to 29 Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TIR1 (26)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TIR2 (27)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TIR3 (28)
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
TIR4 (29)
SYMBOL
POSITION
NAME AND DESCRIPTION
CH32
TIR4.7
Transmit Idle Registers.
0=do not insert the Idle Code into this channel
CH1
TIR1.0
1=insert the Idle Code into this channel
NOTE:
If CCR3.5=1, then a 0 in the TIRs implies that channel data is to be sourced from TSER and a 1 implies
that channel data is to be sourced from the RSER pin.
TIDR: TRANSMIT IDLE DEFINITION REGISTER (Address=2A Hex)
(MSB)
(LSB)
TIDR7
TIDR6
TIDR5
TIDR4
TIDR3
TIDR2
TIDR1
TIDR0
SYMBOL
POSITION
NAME AND DESCRIPTION
TIDR7
TIDR.7
MSB of the Idle Code
TIDR0
TIDR.0
LSB of the Idle Code
Each of the bit positions in the Transmit Idle Registers (TIR1/TIR2/TIR3/TIR4) represent a timeslot in
the outgoing frame. When these bits are set to a 1, the corresponding channel will transmit the Idle Code
contained in the Transmit Idle Definition Register (TIDR). In the TIDR, the MSB is transmitted first. Via
the CCR3.5 bit, the user has the option to use the TIRs to determine on a channel by channel basis, if data
from the RSER pin should be substituted for data from the TSER pin. In this mode, if the corresponding
bit in the TIRs is set to 1, then data will be sourced from the RSER pin. If the corresponding bit in the
TIRs is set to 0, then data for that channel will sourced from the TSER pin. See the Transmit Data Flow
diagram in Section 13 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com