Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 3Page - Dallas Semiconductor DS2153Q Datasheet HTML 4Page - Dallas Semiconductor DS2153Q Datasheet HTML 5Page - Dallas Semiconductor DS2153Q Datasheet HTML 6Page - Dallas Semiconductor DS2153Q Datasheet HTML 7Page - Dallas Semiconductor DS2153Q Datasheet HTML 8Page - Dallas Semiconductor DS2153Q Datasheet HTML 9Page - Dallas Semiconductor DS2153Q Datasheet HTML 10Page - Dallas Semiconductor DS2153Q Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
DS2153Q
7 of 52
PIN
SYMBOL
TYPE
DESCRIPTION
33
TCHBLK
O
Transmit Channel Block. A user-programmable output that can be
forced high or low during any of the 32 E1 channels. Useful for
blocking clocks to a serial UART or LAPD controller in
applications where not all E1 channels are used, such as Fractional
E1, 384 kbps service (H0), 1920 kbps (H12), or ISDN-PRI. Also
useful
for
locating
individual
channels
in
drop-and-insert
applications. See Section 13 for timing details.
34
TLCLK
O
Transmit Link Clock. 4 kHz to 20 kHz demand clock for the
TLINK input; controlled by TCR2. See Section 13 for timing
details.
35
TLINK
I
Transmit Link Data. If enabled, this pin will be sampled on the
falling edge of TCLK to insert the Sa bits See Section 13 for timing
details.
36
TSYNC
I/O
Transmit Sync. A pulse at this pin will establish either frame or
multiframe boundaries for the DS2153Q. Via TCR1.1, the DS2153Q
can be programmed to output either a frame or multiframe pulse at
this pin. See Section 13 for timing details.
37
DVDD
-
Digital Positive Supply. 5.0 volts. Should be tied to RVDD and
TVDD pins.
38
TCLK
I
Transmit Clock. 2.048 MHz primary clock. Needed for proper
operation of the parallel control port.
39
TSER
I
Transmit Serial Data. Transmit NRZ serial data, sampled on the
falling edge of TCLK.
40
TCHCLK
O
Transmit Channel Clock. 256 kHz clock which pulses high during
the LSB of each channel. Useful for parallel to serial conversion of
channel data. See Section 13 for timing details.
41
42
43
44
AD0
AD1
AD2
AD3
I/O
Address/Data Bus. A 8-bit multiplexed address/data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com