Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 18Page - Dallas Semiconductor DS2153Q Datasheet HTML 19Page - Dallas Semiconductor DS2153Q Datasheet HTML 20Page - Dallas Semiconductor DS2153Q Datasheet HTML 21Page - Dallas Semiconductor DS2153Q Datasheet HTML 22Page - Dallas Semiconductor DS2153Q Datasheet HTML 23Page - Dallas Semiconductor DS2153Q Datasheet HTML 24Page - Dallas Semiconductor DS2153Q Datasheet HTML 25Page - Dallas Semiconductor DS2153Q Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
DS2153Q
22 of 52
IMR1: INTERRUPT MASK REGISTER1 (Address=16 Hex)
(MSB)
(LSB)
RSA1
RDMA
RSA0
RSLIP
RUA1
RRA
RCL
RLOS
SYMBOL
POSITION
NAME AND DESCRIPTION
RSA1
IMR1.7
Receive Signaling All 1s.
0=interrupt masked
1=interrupt enabled
RDMA
IMR1.6
Receive Distant MF Alarm.
0=interrupt masked
1=interrupt enabled
RSA0
IMR1.5
Receive Signaling All 0s.
0=interrupt masked
1=interrupt enabled
RSLIP
IMR1.4
Receive Elastic Store Slip Occurrence.
0=interrupt masked
1=interrupt enabled
RUA1
IMR1.3
Receive Unframed All 1s.
0=interrupt masked
1=interrupt enabled
RRA
IMR1.2
Receive Remote Alarm.
0=interrupt masked
1=interrupt enabled
RCL
IMR1.1
Receive Carrier Loss.
0=interrupt masked
1=interrupt enabled
RLOS
IMR1.0
Receive Loss of Sync.
0=interrupt masked
1=interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com