Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 29Page - Dallas Semiconductor DS2153Q Datasheet HTML 30Page - Dallas Semiconductor DS2153Q Datasheet HTML 31Page - Dallas Semiconductor DS2153Q Datasheet HTML 32Page - Dallas Semiconductor DS2153Q Datasheet HTML 33Page - Dallas Semiconductor DS2153Q Datasheet HTML 34Page - Dallas Semiconductor DS2153Q Datasheet HTML 35Page - Dallas Semiconductor DS2153Q Datasheet HTML 36Page - Dallas Semiconductor DS2153Q Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
DS2153Q
33 of 52
TAF: TRANSMIT ALIGN FRAME REGISTER (Address=20 Hex)
(MSB)
(LSB)
Si
00
11
0
1
1
SYMBOL
POSITION
NAME AND DESCRIPTION
Si
TAF.7
International Bit.
0
TAF.6
Frame Alignment Signal Bit.
0
TAF.5
Frame Alignment Signal Bit.
1
TAF.4
Frame Alignment Signal Bit.
1
TAF.3
Frame Alignment Signal Bit.
0
TAF.2
Frame Alignment Signal Bit.
1
TAF.1
Frame Alignment Signal Bit.
1
TAF.0
Frame Alignment Signal Bit.
TNAF: TRANSMIT NON-ALIGN FRAME REGISTER (Address=21 Hex)
(MSB)
(LSB)
Si
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
SYMBOL
POSITION
NAME AND DESCRIPTION
Si
TNAF.7
International Bit.
1
TNAF.6
Frame Non-Alignment Signal Bit.
A
TNAF.5
Remote Alarm.
Sa4
TNAF.4
Additional Bit 4.
Sa5
TNAF.3
Additional Bit 5.
Sa6
TNAF.2
Additional Bit 6.
Sa7
TNAF.1
Additional Bit 7.
Sa8
TNAF.0
Additional Bit 8.
12.0 LINE INTERFACE FUNCTIONS
The line interface function in the DS2153Q contains three sections: (1) the receiver which handles clock
and data recovery, (2) the transmitter which waveshapes and drives the E1 line, and (3) the jitter
attenuator. Each of these three sections is controlled by the Line Interface Control Register (LICR), which
is described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com