Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 35 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 35 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 31Page - Dallas Semiconductor DS2153Q Datasheet HTML 32Page - Dallas Semiconductor DS2153Q Datasheet HTML 33Page - Dallas Semiconductor DS2153Q Datasheet HTML 34Page - Dallas Semiconductor DS2153Q Datasheet HTML 35Page - Dallas Semiconductor DS2153Q Datasheet HTML 36Page - Dallas Semiconductor DS2153Q Datasheet HTML 37Page - Dallas Semiconductor DS2153Q Datasheet HTML 38Page - Dallas Semiconductor DS2153Q Datasheet HTML 39Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
DS2153Q
35 of 52
pin or from the crystal attached to the XTAL1 and XTAL2 pins. The DS2153Q will sense the ACLKI pin
to determine if a clock is present. If no clock is applied to the ACLKI pin, then it should be tied to RVSS
to prevent the device from falsely sensing a clock. See Table 12.1. If the jitter attenuator is either placed
in the transmit path or is disabled, the RCLK output can exhibit short high cycles of the clock. This is due
to the highly oversampled digital clock recovery circuitry. If the jitter attenuator is placed in the receive
path (as is the case in most applications), the jitter attenuator restores the RCLK to being close to 50%
duty cycle. Please see the Receive AC Timing Characteristics in Section 14 for more details.
SOURCE OF RCLK UPON RCL Table 12-1
ACLKI PRESENT?
RECEIVE SIDE JITTER
ATTENUATOR
TRANSMIT SIDE JITTER
ATTENUATOR
yes
ACLKI via the jitter attenuator
ACLKI
no
centered crystal
TCLK via the jitter attenuator
12.2 Transmit Waveshaping and Line Driving
The DS2153Q uses a set of laser-trimmed delay lines along with a precision Digital-to-Analog Converter
(DAC) to create the waveforms that are transmitted onto the E1 line. The waveforms created by the
DS2153Q meet the ITU specifications. See Figure 12.3. The user will select which waveform is to be
generated by properly programming the L2/L1/L0 bits in the Line Interface Control Register (LICR). The
DS2153Q can set up in a number of various configurations depending on the application. See Table 12.2
and Figure 12.1.
LINE BUILD OUT SELECT IN LICR Table 12-2
L2
L1
L0
APPLICATION
TRANSFORMER
RETURN LOSS
Rt
0
0
0
75-ohm normal
1:1.15 step-up
NM
0 ohms
0
0
1
120-ohm normal
1:1.15 step-up
NM
0 ohms
01
0
75-ohm normal with
protection resistors
1:1.15 step-up
NM
8.2
ohms
0
1
1
120-ohm normal with
protection resistors
1:1.15 step-up
NM
8.2
ohms
1
0
0
75-ohm with high return loss
1:1.15 step-up
21 dB
27 ohms
1
1
0
75-ohm with high return loss
1:1.36 step-up
21 dB
18 ohms
1
0
0
120-ohm with high return loss
1:1.36 step-up
21 dB
27 ohms
NM=Not Meaningful
Due to the nature of the design of the transmitter in the DS2153Q, very little jitter (less then 0.00 5UIpp
broadband from 10 Hz to 100 kHz) is added to the jitter present on TCLK. Also, the waveforms that they
create are independent of the duty cycle of TCLK. The transmitter in the DS2153Q couples to the E1
transmit shielded twisted pair or COAX via a 1:1.15 or 1:1.36 step up transformer as shown in Figure
12.1. In order for the devices to create the proper waveforms, this transformer used must meet the
specifications listed in Table 12.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com