Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 16Page - Dallas Semiconductor DS2153Q Datasheet HTML 17Page - Dallas Semiconductor DS2153Q Datasheet HTML 18Page - Dallas Semiconductor DS2153Q Datasheet HTML 19Page - Dallas Semiconductor DS2153Q Datasheet HTML 20Page - Dallas Semiconductor DS2153Q Datasheet HTML 21Page - Dallas Semiconductor DS2153Q Datasheet HTML 22Page - Dallas Semiconductor DS2153Q Datasheet HTML 23Page - Dallas Semiconductor DS2153Q Datasheet HTML 24Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
DS2153Q
20 of 52
SR1: STATUS REGISTER 1 (Address=06 Hex)
(MSB)
(LSB)
RSA1
RDMA
RSA0
RSLIP
RUA1
RRA
RCL
RLOS
SYMBOL
POSITION
NAME AND DESCRIPTION
RSA1
SR1.7
Receive Signaling All 1s. Set when the contents of timeslot 16
contains less than three 0s over 16 consecutive frames. This
alarm is not disabled in the CCS signaling mode.
RDMA
SR1.6
Receive Distant MF Alarm. Set when bit 6 of timeslot 16 in
frame 0 has been set for two consecutive multiframes. This
alarm is not disabled in the CCS signaling mode.
RSA0
SR1.5
Receive Signaling All 0s. Set when over a full MF, timeslot 16
contains all 0s.
RSLIP
SR1.4
Receive Elastic Store Slip Occurrence. Set when the elastic
store has either repeated or deleted a frame of data.
RUA1
SR1.3
Receive Unframed All 1s. Set when an unframed all 1s code is
received at RTIP and RRING.
RRA
SR1.2
Receive Remote Alarm. Set when a remote alarm is received at
RTIP and RRING.
RCL
SR1.1
Receive Carrier Loss. Set when 255 consecutive 0s have been
detected at RTIP and RRING.
RLOS
SR1.0
Receive Loss of Sync. Set when the device is not synchronized
to the receive E1 stream.
ALARM CRITERIA Table 4-1
ALARM
SET CRITERIA
CLEAR CRITERIA
CCITT
SPEC.
RSA1
(receive signaling
all 1s)
over 16 consecutive frames (one full
MF) timeslot 16 contains less than three
0s
over 16 consecutive frames (one
full MF) timeslot 16 contains three
or more 0s
G.732
4.2
RSA0
(receive signaling
all 0s)
over 16 consecutive frames (one full
MF) timeslot 16 contains all 0s
over 16 consecutive frames (one
full MF) timeslot 16 contains at
least a single 1
G.732
5.2
RDMA
(receive distant
multiframe alarm)
bit 6 in timeslot 16 of frame 0 set to 1 for
two consecutive MF
bit 6 in timeslot 16 of frame 0 set to
0 for a two consecutive MF
O.162
2.1.5
RUA1
(receive unframed
all 1s)
less than three 0s in two frames (512
bits)
more than two 0s in two frames
(512 bits)
O.162
1.6.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com