Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 6Page - Dallas Semiconductor DS2153Q Datasheet HTML 7Page - Dallas Semiconductor DS2153Q Datasheet HTML 8Page - Dallas Semiconductor DS2153Q Datasheet HTML 9Page - Dallas Semiconductor DS2153Q Datasheet HTML 10Page - Dallas Semiconductor DS2153Q Datasheet HTML 11Page - Dallas Semiconductor DS2153Q Datasheet HTML 12Page - Dallas Semiconductor DS2153Q Datasheet HTML 13Page - Dallas Semiconductor DS2153Q Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
DS2153Q
10 of 52
RCR1: RECEIVE CONTROL REGISTER 1 (Address=10 Hex)
(MSB)
(LSB)
RSMF
RSM
RSIO
-
-
FRC
SYNCE
RESYNC
SYMBOL
POSITION
NAME AND DESCRIPTION
RSMF
RCR1.7
RSYNC Multiframe Function. Only used if the RSYNC pin is
programmed in the multiframe mode (RCR1.6=1).
0=RSYNC outputs CAS multiframe boundaries
1=RSYNC outputs CRC4 multiframe boundaries
RSM
RCR1.6
RSYNC Mode Select.
0=frame mode (see the timing in Section 13)
1=multiframe mode (see the timing in Section 13)
RSIO
RCR1.5
RSYNC I/O Select.
0=RSYNC is an output (depends on RCR1.6)
1=RSYNC is an input (only valid if elastic store enabled) (note:
this bit must be set to 0 when RCR2.1=0)
-
RCR1.4
Not Assigned. Should be set to 0 when written.
-
RCR1.3
Not Assigned. Should be set to 0 when written.
FRC
RCR1.2
Frame Resync Criteria.
0=resync if FAS received in error 3 consecutive times
1=resync if FAS or bit 2 of non-FAS is received in error 3
consecutive times
SYNCE
RCR1.1
Sync Enable.
0=auto resync enabled
1=auto resync disabled
RESYNC
RCR1.0
Resync. When toggled from low to high, a resync is initiated.
Must be cleared and set again for a subsequent resync.
SYNC/RESYNC CRITERIA Table 3-1
FRAME OR
MULTIFRAME
LEVEL
SYNC CRITERIA
RESYNC CRITERIA
ITU
SPEC.
FAS
FAS present in frames N and N + 2, and
FAS not present in frame N + 1.
Three consecutive incorrect FAS
received.
Alternate (RCR1.2=1) the above
criteria is met or three consecutive
incorrect bit 2 of non-FAS received.
G.706
4.1.1
4.1.2
CRC4
Two valid MF alignment words found
within 8 ms.
915 or more CRC4 code words out
of 1000 received in error.
G.706
4.2
4.3.2
CAS
Valid MF alignment word found and
previous time slot 16 contains code
other than all 0s.
Two consecutive MF alignment
words received in error.
G.732
5.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com