Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 31 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 31 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 27Page - Dallas Semiconductor DS2153Q Datasheet HTML 28Page - Dallas Semiconductor DS2153Q Datasheet HTML 29Page - Dallas Semiconductor DS2153Q Datasheet HTML 30Page - Dallas Semiconductor DS2153Q Datasheet HTML 31Page - Dallas Semiconductor DS2153Q Datasheet HTML 32Page - Dallas Semiconductor DS2153Q Datasheet HTML 33Page - Dallas Semiconductor DS2153Q Datasheet HTML 34Page - Dallas Semiconductor DS2153Q Datasheet HTML 35Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
DS2153Q
31 of 52
NOTE:
If CCR3.6=1, then a 0 in the TCBRs implies that signaling data is to be sourced from TSER and a 1
implies that signaling data for that channel is to be sourced from the Transmit Signaling (TS) registers.
See definition below.
TCBR1/TCBR2/TCBR3/TCBR4: DEFINITION WHEN CCR3.6 = 1
(MSB)
(LSB)
CH20
CH4
CH19
CH3
CH18
CH2
CH17*
CH1*
TCBR1
CH24
CH8
CH23
CH7
CH22
CH6
CH21
CH5
TCBR2
CH28
CH12
CH27
CH11
CH26
CH10
CH25
CH9
TCBR3
CH32
CH16
CH31
CH15
CH30
CH14
CH29
CH13
TCBR4
* = CH1 and CH17 should be set to 1 to allow the internal TS1 register to create the CAS Multiframe
Alignment Word and Spare/Remote Alarm bits.
10.0 ELASTIC STORE OPERATION
The DS2153Q has an onboard two-frame (512 bits) elastic store. This elastic store can be enabled via
RCR2.1. If the elastic store is enabled (RCR2.1=1), then the user must provide either a 1.544 MHz
(RCR2.2=0) or 2.048 MHz (RCR2.2=1) clock at the SYSCLK pin. If the elastic store is enabled, then the
user has the option of either providing a frame sync at the RSYNC pin (RCR1.5=1) or having the
RSYNC pin provide a pulse on frame or multiframe boundaries (RCR1.5=0). If the user wishes to obtain
pulses at the frame boundary, then RCR1.6 must be set to 0, and if the user wishes to have pulses occur at
the multiframe boundary, then RCR1.6 must be set to 1. If the user selects to apply a 1.544 MHz clock to
the SYSCLK pin, then every fourth channel will be deleted and the F-bit position inserted (forced to 1).
Hence channels 1, 5, 9, 13, 17, 21, 25, and 29 (timeslots 0, 4, 8, 12, 16, 20, 24, and 28) will be deleted.
Also, in 1.544 MHz applications, the RCHBLK output will not be active in channels 25 through 32 (or in
other words, RCBR4 is not active). See Section 13 for more details. If the 512-bit elastic buffer either
fills or empties, a controlled slip will occur. If the buffer empties, then a full frame of data (256 bits) will
be repeated at RSER and the SR1.4 and RIR.3 bits will be set to a 1. If the buffer fills, then a full frame of
data will be deleted and the SR1.4 and RIR.4 bits will be set to a 1.
11.0 ADDITIONAL (Sa) AND INTERNATIONAL (Si) BIT OPERATION
The DS2153Q provides for access to both the Additional (Sa) and International (Si) bits. On the receive
side, the RAF and RNAF registers will always report the data as it received in the Additional and
International bit locations. The RAF and RNAF registers are updated with the setting of the Receive
Align Frame bit in Status Register 2 (SR2.6). The host can use the SR2.6 bit to know when to read the
RAF and RNAF registers. It has 250
µs to retrieve the data before it is lost.
On the transmit side, data is sampled from the TAF and TNAF registers with the setting of the Transmit
Align Frame bit in Status Register 2 (SR2.3). The host can use the SR2.3 bit to know when to update the
TAF and TNAF registers. It has 250
µs to update the data or else the old data will be retransmitted. Data
in the Si bit position will be overwritten if either the DS2153Q is programmed: (1) to source the Si bits
from the TSER pin, (2) in the CRC4 mode, or (3) have automatic E-bit insertion enabled. Data in the Sa
bit position will be overwritten if any of the TCR2.3 to TCR2.7 bits are set to 1. Please see the register
descriptions for TCR1 and TCR2 and the Transmit Data Flow diagram in Section 13 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com