Electronic Components Datasheet Search
  English  ▼

X  

DS2153Q Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 12Page - Dallas Semiconductor DS2153Q Datasheet HTML 13Page - Dallas Semiconductor DS2153Q Datasheet HTML 14Page - Dallas Semiconductor DS2153Q Datasheet HTML 15Page - Dallas Semiconductor DS2153Q Datasheet HTML 16Page - Dallas Semiconductor DS2153Q Datasheet HTML 17Page - Dallas Semiconductor DS2153Q Datasheet HTML 18Page - Dallas Semiconductor DS2153Q Datasheet HTML 19Page - Dallas Semiconductor DS2153Q Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
DS2153Q
16 of 52
LOCAL LOOPBACK
When CCR2.0 is set to a 1, the DS2153Q will be forced into Local LoopBack (LLB). In this loopback,
data will continue to be transmitted as normal through the transmit side of the SCT. Data being received
at RTIP and RRING will be replaced with the data being transmitted. Data in this loopback will pass
through the jitter attenuator. Please see Figure 1.1 for more details.
AUTOMATIC ALARM GENERATION
When either CCR2.4 or CCR2.5 is set to 1, the DS2153Q monitors the receive side to determine if any of
the following conditions are present: loss of receive frame synchronization, AIS alarm (all 1s) reception,
or loss of receive carrier (or signal). If any one (or more) of the above conditions is present, then the
DS2151Q will either force an AIS alarm (if CCR2.5=1) or a Remote Alarm (CCR2.4=1) to be transmitted
via the TTIP and TRING pins. It is an illegal state to have both CCR2.4 and CCR2.5 set to 1 at the same
time.
CCR3: COMMON CONTROL REGISTER 3 (Address=1B Hex)
(MSB)
(LSB)
TESE
TCBFS
TIRFS
ESR
LIRST
-
TSCLKM
-
SYMBOL
POSITION
NAME AND DESCRIPTION
TESE
CCR3.7
Transmit Elastic Store Enable.
0 = elastic store is disabled
1 = elastic store is enabled
TCBFS
CCR3.6
Transmit Channel Blocking Registers (TCBR) Function
Select.
0=TCBRs define the operation of the TCHBLK output pin
1=TCBRs define which signaling bits are to be inserted
TIRFS
CCR3.5
Transmit Idle Registers (TIR) Function Select.
0=TIRs define in which channels to insert idle code
1=TIRs define in which channels to insert data from RSER
ESR
CCR3.4
Elastic Stores Reset. Setting this bit from a 1 to a 0 will force
the elastic stores to a known depth. Should be toggled after
SYSCLK has been applied and is stable. Must be set and cleared
again for a subsequent reset. Do not leave this bit set high.
LIRST
CCR3.3
Line Interface Reset. Setting this bit from a 0 to a 1 will initiate
an internal reset that affects the slicer, AGC, clock recovery state
machine, and jitter attenuator. Normally this bit is only toggled
on power-up. Must be cleared and set again for a subsequent
reset.
-
CCR3.2
Not Assigned. Should be set to 0 when written.
TSCLKM
CCR3.1
Transmit Backplane Clock Select. Must be set like RCR2.2.
0 = 1.544 MHz
1 = 2.048 MHz
-
CCR3.0
Not Assigned. Should be set to 0 when written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com