Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 15Page - Advanced Micro Devices CS5530A Datasheet HTML 16Page - Advanced Micro Devices CS5530A Datasheet HTML 17Page - Advanced Micro Devices CS5530A Datasheet HTML 18Page - Advanced Micro Devices CS5530A Datasheet HTML 19Page - Advanced Micro Devices CS5530A Datasheet HTML 20Page - Advanced Micro Devices CS5530A Datasheet HTML 21Page - Advanced Micro Devices CS5530A Datasheet HTML 22Page - Advanced Micro Devices CS5530A Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
19
Signal Definitions
Revision 1.1
3.0Signal Definitions
This section defines the signals and describes the external interface of the Geode CS5530A. Figure 3-1 shows the pins
organized by their functional groupings (internal test and electrical pins are not shown).
Figure 3-1. CS5530A Signal Groups
AD[31:0]
C/BE[3:0]#
PAR
HOLD_REQ#
FRAME#
TRDY#
STOP#
LOCK#
DEVSEL#
REQ#
GNT#
SERR#
INTA#-INTD#
IRQ13
INTR
SMI#
IDE_DACK1#
IDE_IORDY0
ROM Interface
PCI Bus
CPU Interface
PSERIAL
SUSP#
SUSPA#
KBROMCS#
IRDY#
PERR#
SUSP_3V
IDE_IOW1#
IDE_IOW0#
IDE_IOR0#
IDE_IOR1#
AMD Geode™
IDE_DATA[15:0]
IDE_ADDR[2:0]
IDE_RST#
IDE_CS0#
IDE_CS1#
IDE_DREQ1
IDE_DACK0#
IDE_DREQ0
IDE_IORDY1
TVCLK
DCLK
PCICLK
ISACLK
Clocks
CLK_32K
CLK14_MHZ
Reset
PCI_RST#
POR#
CPU_RST
USBCLK
D+_PORT1
D–_PORT1
D+_PORT2
D–_PORT2
USB
POWER_EN
OVER_CUR#
SDATA_OUT
SDATA_IN
SYNC
BIT_CLK
PC_BEEP
Audio Interface
CS5530A
PCLK
PIXEL[23:0]
Display: Pixel
ENA_DISP
Port
Note: Pins that change
function when ISA Master
mode is invoked are repre-
sented with the ISA Mas-
ter Mode function signal
name in parenthesis.
IDE Controller
Companion Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com