Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 29Page - Advanced Micro Devices CS5530A Datasheet HTML 30Page - Advanced Micro Devices CS5530A Datasheet HTML 31Page - Advanced Micro Devices CS5530A Datasheet HTML 32Page - Advanced Micro Devices CS5530A Datasheet HTML 33Page - Advanced Micro Devices CS5530A Datasheet HTML 34Page - Advanced Micro Devices CS5530A Datasheet HTML 35Page - Advanced Micro Devices CS5530A Datasheet HTML 36Page - Advanced Micro Devices CS5530A Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
33
Signal Definitions
Revision 1.1
LOCK#
C22
I/O
PCI Lock
LOCK# indicates an atomic operation that may require multiple transactions
to complete.
If the CS5530A is currently the target of a LOCKed transaction, any other
PCI master request with the CS5530A as the target is forced to retry the
transfer.
The CS5530A does not generate LOCKed transactions.
DEVSEL#
A23
I/O
PCI Device Select
DEVSEL# is asserted by a PCI slave, to indicate to a PCI master and sub-
tractive decoder that it is the target of the current transaction.
As an input, DEVSEL# indicates a PCI slave has responded to the current
address.
As an output, DEVSEL# is asserted one cycle after the assertion of
FRAME# and remains asserted to the end of a transaction as the result of a
positive decode. DEVSEL# is asserted four cycles after the assertion of
FRAME# if DEVSEL# has not been asserted by another PCI device when
the CS5530A is programmed to be the subtractive decode agent. The sub-
tractive decode sample point is configured in F0 Index 41h[2:1]. Subtractive
decode cycles are passed to the ISA bus.
PAR
A21
I/O
PCI Parity
PAR is the parity signal driven to maintain even parity across AD[31:0] and
C/BE[3:0]#.
The CS5530A drives PAR one clock after the address phase and one clock
after each completed data phase of write transactions as a PCI master. It
also drives PAR one clock after each completed data phase of read transac-
tions as a PCI slave.
PERR#
B22
I/O
PCI Parity Error
PERR# is pulsed by a PCI device to indicate that a parity error was
detected. If a parity error was detected, PERR# is asserted by a PCI slave
during a write data phase and by a PCI master during a read data phase.
When the CS5530A is a PCI master, PERR# is an output during read trans-
fers and an input during write transfers. When the CS5530A is a PCI slave,
PERR# is an input during read transfers and an output during write trans-
fers.
Parity detection is enabled through F0 Index 04h[6]. An NMI is generated if I/
O Port 061h[2] is set. PERR# can assert SERR# if F0 Index 41h[5] is set.
SERR#
A22
I/O
OD
PCI System Error
SERR# is pulsed by a PCI device to indicate an address parity error, data
parity error on a special cycle command, or other fatal system errors.
SERR# is an open-drain output reporting an error condition, and an input
indicating that the CS5530A should generate an NMI. As an input, SERR# is
asserted for a single clock by the slave reporting the error.
System error detection is enabled with F0 Index 04h[8]. An NMI is generated
if I/O Port 061h[2] is set. PERR# can assert SERR# if F0 Index 41h[5] is set.
3.2.4
PCI Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com