Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 22Page - Advanced Micro Devices CS5530A Datasheet HTML 23Page - Advanced Micro Devices CS5530A Datasheet HTML 24Page - Advanced Micro Devices CS5530A Datasheet HTML 25Page - Advanced Micro Devices CS5530A Datasheet HTML 26Page - Advanced Micro Devices CS5530A Datasheet HTML 27Page - Advanced Micro Devices CS5530A Datasheet HTML 28Page - Advanced Micro Devices CS5530A Datasheet HTML 29Page - Advanced Micro Devices CS5530A Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 259 page
background image
26
AMD Geode™ CS5530A Companion Device Data Book
Signal Definitions
Revision 1.1
FP_VSYNC_OUT
SMEMR#
O
8 mA
E3
FRAME#
I/O
PCI
C23
GNT#
I
PCI
D24
GPCS#
O
8 mA
AF26
GPIO0
I/O
8 mA
AC2
2
GPIO1/SDATA_IN2
I/O
8 mA
AE24
GPIO2
I/O
8 mA
AF25
GPIO3
I/O
8 mA
AF24
GPIO4/SA20
SA20
I/O
8 mA
AD2
2
GPIO5/SA21
SA21
I/O
8 mA
AC2
1
GPIO6/SA22
SA22
I/O
8 mA
AE23
GPIO7/SA23
SA23
I/O
8 mA
AF23
GPORT_CS#
O
8 mA
AD2
1
HOLD_REQ# (strap pin)
I/O
PCI
H26
HSYNC
I
8 mA
C6
HSYNC_OUT
O
8 mA
N1
IDE_ADDR0
O
IDE
U25
IDE_ADDR1
O
IDE
U26
IDE_ADDR2
O
IDE
W24
IDE_CS0#
O
IDE
V26
IDE_CS1#
O
IDE
Y26
IDE_DACK0#
O
IDE
T26
IDE_DACK1#
O
IDE
T24
IDE_DATA0
I/O
IDE
AC2
6
IDE_DATA1
I/O
IDE
AA24
IDE_DATA2
I/O
IDE
AB24
IDE_DATA3
I/O
IDE
AB26
IDE_DATA4
I/O
IDE
AA26
IDE_DATA5
I/O
IDE
W26
IDE_DATA6
I/O
IDE
U24
IDE_DATA7
I/O
IDE
U23
IDE_DATA8
I/O
IDE
V24
IDE_DATA9
I/O
IDE
Y25
IDE_DATA10
I/O
IDE
V25
IDE_DATA11
I/O
IDE
Y24
IDE_DATA12
I/O
IDE
AA25
IDE_DATA13
I/O
IDE
AB25
IDE_DATA14
I/O
IDE
AC2
5
IDE_DATA15
I/O
IDE
AB23
IDE_DREQ0
I
IDE
AD2
6
IDE_DREQ1
I
IDE
AC2
4
IDE_IOR0#
O
IDE
R26
IDE_IOR1#
O
IDE
R25
IDE_IORDY0
I
IDE
AD2
5
IDE_IORDY1
I
IDE
AE26
Signal Name
Pin
Type1
Buffer
Type2
Pin
No.
Limited ISA
Mode
ISA Master
Mode
IDE_IOW0#
O
IDE
R24
IDE_IOW1#
O
IDE
T25
IDE_RST#
O
IDE
W25
INTA#
I
PCI
A14
INTB#
I
PCI
D15
INTC#
I
PCI
C15
INTD#
I
PCI
B14
INTR (strap pin)
I/O
8 mA
P26
IOCHRDY
I/O, OD
8 mA
AF11
IOCS16#
I
8 mA
AF16
IOR#
I/O (PU)
8 mA
AE12
IOUTB
O, Ana-
log
--
R1
IOUTR
O, Ana-
log
--
P3
IOUTG
O, Ana-
log
--
P4
IOW#
I/O (PU)
8 mA
AC1
1
IRDY#
I/O
PCI
B24
IREF
I, Analog
--
R3
IRQ1
I
8 mA
AF13
IRQ3
I
8 mA
AC1
4
IRQ4
I
8 mA
AE15
IRQ5
I
8 mA
AE13
IRQ6
I
8 mA
AF14
IRQ7
I
8 mA
AD1
4
IRQ8#
I
8 mA
AE14
IRQ9
I
8 mA
AE5
IRQ10
I
8 mA
AE16
IRQ11
I
8 mA
AF18
IRQ12
I
8 mA
AF17
IRQ13
I
8 mA
R23
IRQ14
I
8 mA
AC1
7
IRQ15
I
8 mA
AD1
7
ISACLK
O
8 mA
AD6
KBROMCS#
O
8 mA
AE4
LOCK#
I/O
PCI
C22
MEMCS16#
I/O, OD
8 mA
AC1
5
MEMR#
I/O (PU)
8 mA
AE19
MEMW#
I/O (PU)
8 mA
AF20
NC
--
--
AA3
NC
--
--
AB1
NC
--
--
AB2
NC
--
--
AB3
NC
--
--
AC1
NC
--
--
AC2
NC
--
--
AC3
NC
--
--
AD1
Signal Name
Pin
Type1
Buffer
Type2
Pin
No.
Limited ISA
Mode
ISA Master
Mode
Table 3-3.
352 PBGA Pin Assignments - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com