Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 38Page - Advanced Micro Devices CS5530A Datasheet HTML 39Page - Advanced Micro Devices CS5530A Datasheet HTML 40Page - Advanced Micro Devices CS5530A Datasheet HTML 41Page - Advanced Micro Devices CS5530A Datasheet HTML 42Page - Advanced Micro Devices CS5530A Datasheet HTML 43Page - Advanced Micro Devices CS5530A Datasheet HTML 44Page - Advanced Micro Devices CS5530A Datasheet HTML 45Page - Advanced Micro Devices CS5530A Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 259 page
background image
42
AMD Geode™ CS5530A Companion Device Data Book
Signal Definitions
Revision 1.1
AVDD1 (DAC)
U1
I
Analog
Analog Power for Video DAC
These pins provide power to the analog portions of the Video DAC.
A 47 µF capacitor should be connected between the DAC analog power and
DAC analog ground. Analog power is AVDD1 (pin U1) and AVDD3 (pin N4).
Analog ground is AVSS1 (pin R2) and AVSS5 (pin P2).
AVDD2 (VREF)
T3
AVDD3 (DAC)
N4
AVSS1 (DAC)
R2
I
Analog
Analog Ground for Video DAC
These pins provide the ground plane connections to the analog portions of
the Video DAC.
A 47 µF capacitor should be connected between the DAC analog power and
DAC analog ground. Analog power is AVDD1 (pin U1) and AVDD3 (pin N4).
Analog ground is AVSS1 (pin R2) and AVSS5 (pin P2).
AVSS2 (ICAP)
R4
AVSS3 (VREF)
T4
AVSS4 (ICAP)
P1
AVSS5 (DAC)
P2
IOUTR
(Video DAC)
P3
O
Analog
Red DAC Output
Red analog output.
IOUTG
(Video DAC)
P4
O
Analog
Green DAC Output
Green analog output.
IOUTB
(Video DAC)
R1
O
Analog
Blue DAC Output
Blue analog output.
Display TFT/TV
FP_DATA17/
MASTER#
F3
O
Limited ISA Mode: Flat Panel Data Port Line 17
Refer to FP_DATA[15:0] signal description.
I
ISA Master Mode: Master
Refer to Section 3.2.5 "ISA Bus Interface" on page 34 for this signal’s defini-
tion.
FP_DATA16/
SA_OE#
H3
O
Limited ISA Mode: Flat Panel Data Port Line 16
Refer to FP_DATA[15:0] signal description.
O
ISA Master Mode: System Address Transceiver Output Enable
Refer to Section 3.2.5 "ISA Bus Interface" on page 34 for this signal’s defini-
tion.
FP_DATA[15:0]/
SA[15:0]
Refer
to
Table
3-3
O
Limited ISA Mode: Flat Panel Data Port Lines 15 through 0
This is the data port to an attached active matrix TFT panel. This port may
optionally be tied to a DSTN formatter chip, LVDS transmitter, or digital
NTSC/PAL encoder.
F4BAR+Memory Offset 04h[7] enables the flat panel data bus:
0 = FP_DATA[17:0] is forced low
1 = FP_DATA[17:0] is driven based upon power sequence control
I/O
ISA Master Mode: System Address Bus Lines 15 through 0
These pins function as SA[15:0] and the pins designated as SA/SD[15:0]
function only as SD[15:0].
Note that SA[19:16] are dedicated address pins and GPIO[7:4] function as
SA[23:20] only.
3.2.11
Display Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com