Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 57Page - Advanced Micro Devices CS5530A Datasheet HTML 58Page - Advanced Micro Devices CS5530A Datasheet HTML 59Page - Advanced Micro Devices CS5530A Datasheet HTML 60Page - Advanced Micro Devices CS5530A Datasheet HTML 61Page - Advanced Micro Devices CS5530A Datasheet HTML 62Page - Advanced Micro Devices CS5530A Datasheet HTML 63Page - Advanced Micro Devices CS5530A Datasheet HTML 64Page - Advanced Micro Devices CS5530A Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
61
Power Management
Revision 1.1
4.4.1.2
Active Idle
This state is the most powerful power management state
because it is an operational state. The CPU has executed a
HLT instruction and has asserted the SUSPA# signal. The
operating system has control of the entry of this state
because the OS has either executed the HLT or made a
BIOS call to indicate idle, and the BIOS executed the HLT
instruction. The display refresh subsystem is still active but
the CPU is not executing code. The clock is stopped to the
processing core in this state and considerable power is
saved in the processor. The CS5530A takes advantage of
this power state by stopping the clock to some of the inter-
nal circuitry. This power saving mode can be enabled/dis-
abled by programming F0 Index 96h[4] (see Table 4-12).
The CS5530A can still make bus master requests for IDE,
audio, USB, and ISA from this state. When the CS5530A or
any other device on the PCI bus asserts REQ#, the CPU
deasserts SUSPA# for the duration of REQ# activity. Once
REQ# has gone inactive and all PCI cycles have stopped,
the CPU reasserts SUSPA#. SUSPA# remains active until
the CPU receives an INTR or SMI event which ends the
CPU halt condition.
4.4.1.3
Suspend
This state is similar to the Active Idle state except that the
CPU enters this state because the CS5530A asserted
SUSP#. The CS5530A deasserts SUSP# when an INTR or
SMI event occurs. The Suspend Configuration register is
shown in Table 4-12, however, also see the tables listed
below for a more complete understanding on configuring
the Suspend state.
• F0 Index BCh in Table 4-13 "Clock Stop Control
Register" on page 62.
• Related registers in Table 4-14 "Suspend Modulation
Related Registers" on page 64.
• F0 Index AEh in Table 4-16 "APM Support Registers" on
page 67.
Table 4-12. Suspend Configuration Register
Bit
Description
F0 Index 96h
Suspend Configuration Register (R/W)
Reset Value = 00h
7:5
Reserved: Set to 0.
4
Power Savings Mode: 0 = Enable; 1 = Disable.
3
Include ISA Clock in Power Savings Mode: 0 = ISA clock not included; 1 = ISA clock included.
2
Suspend Mode Configuration: “Special 3 Volt Suspend” mode to support powering down a GX1 processor during Sus-
pend. 0 = Disable; 1 = Enable.
1
SMI Speedup Configuration: Selects how Suspend Modulation function reacts when an SMI occurs.
0 = Use the IRQ Speedup Timer Count Register (F0 Index 8Ch) to temporarily disable Suspend Modulation when an SMI
occurs.
1 = Disable Suspend Modulation when an SMI occurs until a read to the SMI Speedup Disable Register (F1BAR+Memory
Offset 08h).
The purpose of this bit is to disable Suspend Modulation while the CPU is in the System Management Mode so that VSA
technology and power management operations occur at full speed. Two methods for accomplishing this are either to map
the SMI into the IRQ Speedup Timer Count Register (F0 Index 8Ch), or to have the SMI disable Suspend Modulation until
the SMI handler reads the SMI Speedup Disable Register (F1BAR+Memory Offset 08h). The latter is the preferred method.
The IRQ speedup method is provided for software compatibility with earlier revisions of the CS5530A. This bit has no effect
if the Suspend Modulation feature is disabled (bit 0 = 0).
0
Suspend Modulation Feature: 0 = Disable; 1 = Enable.
When enabled, the SUSP# pin will be asserted and deasserted for the durations programmed in the Suspend Modulation
OFF/ON Count Registers (F0 Index 94h/95h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com