Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 246 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 246 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 242Page - Advanced Micro Devices CS5530A Datasheet HTML 243Page - Advanced Micro Devices CS5530A Datasheet HTML 244Page - Advanced Micro Devices CS5530A Datasheet HTML 245Page - Advanced Micro Devices CS5530A Datasheet HTML 246Page - Advanced Micro Devices CS5530A Datasheet HTML 247Page - Advanced Micro Devices CS5530A Datasheet HTML 248Page - Advanced Micro Devices CS5530A Datasheet HTML 249Page - Advanced Micro Devices CS5530A Datasheet HTML 250Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 259 page
background image
246
AMD Geode™ CS5530A Companion Device Data Book
Electrical Specifications
Revision 1.1
6.6
Display Characteristics
The following tables and figures describe the characteris-
tics of the CRT, TFT/TV and MPEG Display interfaces. It is
divided into the following categories:
• CRT Display Recommended Operating Conditions
• CRT Display Analog (DAC) Characteristics
• Display Miscellaneous Characteristics
• CRT, TFT/TV and MPEG Display Timing
Additionally, Figure 6-13 on page 249 is provided showing
a typical video connection diagram.
Table 6-14. CRT Display Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
Comments
AVDD
Power Supply connected to
AVDD1, AVDD2 and AVDD3
3.14
3.3
3.46
V
RL
Output Load on each of the pins
IOUTR, IOUTG and IOUTB
37.5
Ohms
R1, R2, and R3 as shown in
Figure 6-13 on page 249
IOUT
Output Current on each of the
pins IOUTR, IOUTG and IOUTB
21
mA
RSET
Value of the full-scale adjust
resistor connected to IREF
680
Ohms
This resistor should have a
1% tolerance.
VEXTREF
External voltage reference con-
nected to the EXTVREFIN pin
1.235
V
Table 6-15. CRT Display Analog (DAC) Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Comments (Note 1)
VOM
Output Voltage
0.735
V
VOC
Output Current
20
mA
INL
Integral Linearity Error
+/-1
LSB
DNL
Differential Linearity Error
+/-1
LSB
tFS
Full Scale Settling Time
2.5
ns
--
DAC-to-DAC matching
5
%
--
Power Supply Rejection
0.7
%
@ 1 KHz
tRISE
Output Rise Time
3.8
ns
Note 2 and Note 3
tFALL
Output Fall Time
3.8
ns
Note 2 and Note 4
1.
All tests, unless otherwise specified, are at VDD = 3.14V to 3.46V, TC = 0°C to 85°C, and CL = 50 pF.
2.
Timing measurements are made with a 75 ohm doubly-terminated load, with VEXTREF = 1.235V and
RSET = 680 ohms.
3.
10% to 90% of full-scale transition.
4.
Full-scale transition: time from output minimum to maximum, not including clock and data feedthrough.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com