Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 24Page - Analog Devices AD9554BCPZ Datasheet HTML 25Page - Analog Devices AD9554BCPZ Datasheet HTML 26Page - Analog Devices AD9554BCPZ Datasheet HTML 27Page - Analog Devices AD9554BCPZ Datasheet HTML 28Page - Analog Devices AD9554BCPZ Datasheet HTML 29Page - Analog Devices AD9554BCPZ Datasheet HTML 30Page - Analog Devices AD9554BCPZ Datasheet HTML 31Page - Analog Devices AD9554BCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 28 of 116
WRITE:
CAL REG BIT 1 = 0
WRITE:
REGISTER 0x00F = 0x01
CAL_COUNT = 0
CAL_COUNT =
CAL_COUNT + 1
WRITE:
CAL REG BIT 1 = 1
WRITE:
REGISTER 0x00F = 0x01
START TIMEOUT CLOCK:
TIME = 0
ENSURE THAT CAL REG BIT 1 = 0
FOR ALL CALIBRATION REGISTERS
(0xA00, 0xA20, 0xA40, 0xA60, 0xA80)
WRITE:
SYNC REG BIT 2 = 1
WRITE:
REGISTER 0x00F = 0x01
WRITE:
SYNC REG BIT 2 = 0
WRITE:
REGISTER 0x00F = 0x01
VCO
CALIBRATION
OPERATION
APLL RECALIBRATION LOOP1
APLL LOCK
DETECT POLLING
LOOP
LOCK REG BIT 3 = 1
CAL_COUNT > 1
TIMEOUT CLOCK:
TIME > 200ms
YES
YES
YES
NO
NO
NO
START
END
END
(TO RST_COUNT CHECK)
DISTRIBUTION
SYNCHRONIZATION
OPERATION
APLL
ALL
0
1
2
3
1NOTE THAT THE CALIBRATE ALL AND SOFT SYNC ALL BITS IN REGISTER 0x0A00 CAN BE USED IF THE USER
WANTS TO CALIBRATE OR SYNC ALL FOUR PLLs SIMULTANEOUSLY INSTEAD OF ONE AT A TIME.
HOWEVER, THE USER MUST STILL VERIFY THAT ALL FOUR APLLs ARE LOCKED BY READING THE
INDIVIDUAL APLL LOCK REGISTERS.
2REGISTER 0x0D00 CAN ONLY BE USED TO VERIFY THE LOCK STATE OF EACH APLL
IF THE CORRESPONDING DPLL IS ALSO LOCKED.
CAL REG
0xA00
0xA20
0xA40
0xA60
0xA80
LOCK REG
0xD002
0xD20
0xD40
0xD60
0xD80
SYNC REG
0xA00
0xA20
0xA40
0xA60
0xA80
Figure 28. Subprocess—Analog PLL Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com