Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 51Page - Analog Devices AD9554BCPZ Datasheet HTML 52Page - Analog Devices AD9554BCPZ Datasheet HTML 53Page - Analog Devices AD9554BCPZ Datasheet HTML 54Page - Analog Devices AD9554BCPZ Datasheet HTML 55Page - Analog Devices AD9554BCPZ Datasheet HTML 56Page - Analog Devices AD9554BCPZ Datasheet HTML 57Page - Analog Devices AD9554BCPZ Datasheet HTML 58Page - Analog Devices AD9554BCPZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 55 of 116
PROGRAMMING THE INPUT/OUTPUT REGISTERS
The register map (see Table 32) spans an address range from
0x0000 through 0x1788. Each address provides access to one byte
(eight bits) of data. Each individual register is identified by its
four digit hexadecimal address (for example, Register 0x0A23).
In some cases, a group of addresses collectively defines a register.
In general, when a group of registers defines a control parameter,
the LSB of the value resides in the D0 position of the register
with the lowest address. The bit weight increases right to left,
from the lowest register address to the highest register address.
BUFFERED/ACTIVE REGISTERS
There are two copies of most registers: buffered and active. The
value in the active registers is the one that is in use. The buffered
registers are the ones that take effect the next time the user writes
0x01 to Register 0x000F (IO_UPDATE). Buffering the registers
allows the user to update a group of registers (like the APLL
settings) simultaneously, avoiding the potential of unpredictable
behavior in the device. Registers with an L in the option column
of the register map (see Table 32) are live, meaning that they take
effect the moment the serial port transfers that data byte.
WRITE DETECT REGISTERS
A Wx (where x equals 1 to 8) in the option column of the
register map (see Table 32) identifies a register with write
detection. These registers contain additional logic to avoid
glitches or unwanted operation.
Table 30. Register Write Detection Description
Option
Register Operation
W1
When these registers are written to, the lock detector
immediately declares it is unlocked. The lock detection
restarts when the next IO_UPDATE occurs.
W2
After these registers are written to, the DPLL faults the
reference input and automatically enters holdover for one
PFD cycle (and then exits) when an IO_UPDATE is
issued. However, this action is only performed if the
written register belongs to the actively selected
reference.
W3
After these registers are written to, the DPLL lock
detector unlocks.
W5
The watchdog timer resets automatically when these
registers are written to and then resumes counting on
the next IO_UPDATE.
W6
The system clock stability timer is automatically reset
when these registers are changed and then resumes
counting on the next IO_UPDATE. (Note that the
SYSCLK stability timer starts only after the system clock
is locked.
W7
If these registers are written to while they are assigned
to an existing function, the existing function stops
immediately. The new function starts when the next
IO_UPDATE occurs.
W8
Almost identical to W2; however, the DPLL must be in
demapping mode.
AUTOCLEAR REGISTERS
An A in the option column of the register map (see Table 32)
identifies an autoclearing register. Typically, the active value for
an autoclearing register takes effect following an IO_UPDATE.
The bit is cleared by the internal device logic upon completion
of the prescribed action.
REGISTER ACCESS RESTRICTIONS
Read and write access to the register map may be restricted,
depending on the register in question, the source and direction
of access, and the current state of the device. Each register can
be classified into one or more access types. When more than
one type applies, the most restrictive condition is the one that
applies.
When access is denied to a register, all attempts to read the
register return a 0 byte, and all attempts to write to the register
are ignored. Access to nonexistent registers is handled in the
same way as for a denied register.
Regular Access
Registers with regular access do not fall into any other category.
Both read and write access to registers of this type can be from
either the serial ports or EEPROM controller. However, only
one of these sources can have access to a register at any given
time (access is mutually exclusive). When the EEPROM
controller is active, in either upload or download mode, it has
exclusive access to these registers.
Read Only Access
An R in the option column of the register map (see Table 32)
identifies read only registers. Serial port access is available at all
times, including when the EEPROM controller is active. Note that
read only registers (R) are inaccessible to the EEPROM as well.
Exclusion from EEPROM Access
An E in the option column of the register map (see Table 32)
identifies a register with contents that are inaccessible to the
EEPROM. That is, the contents of this type of register cannot be
transferred directly to the EEPROM or vice versa. Note that
read only registers (R) are inaccessible to the EEPROM as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com