Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 65Page - Analog Devices AD9554BCPZ Datasheet HTML 66Page - Analog Devices AD9554BCPZ Datasheet HTML 67Page - Analog Devices AD9554BCPZ Datasheet HTML 68Page - Analog Devices AD9554BCPZ Datasheet HTML 69Page - Analog Devices AD9554BCPZ Datasheet HTML 70Page - Analog Devices AD9554BCPZ Datasheet HTML 71Page - Analog Devices AD9554BCPZ Datasheet HTML 72Page - Analog Devices AD9554BCPZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 69 of 116
Reg
Addr
(Hex)
Option
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
0x0E46
L
APLL_3
config and
output
drivers
Size of transfer: 15 bytes
0x0E
0x0E47
L
Starting Address 0x0730
0x30
0x0E48
L
0x07
0x0E49
L
DPLL_3
dividers
and BW
Size of transfer: 52 bytes
0x33
0x0E4A
L
Starting Address 0x0740
0x40
0x0E4B
L
0x07
0x0E4C
L
DPLL loop
filters
Size of transfer: 24 bytes
0x17
0x0E4D
L
Starting Address 0x0800
0x00
0x0E4E
L
0x08
0x0E4F
L
Operational
controls
(common)
Size of transfer: 21 bytes
0x14
0x0E50
L
Starting Address 0x0A00
0x00
0x0E51
L
0x0A
0x0E52
L
PLL_0
operational
controls
Size of transfer: five bytes
0x04
0x0E53
L
Starting Address 0x0A20
0x20
0x0E54
L
0x0A
0x0E55
L
PLL_1
operational
controls
Size of transfer: five bytes
0x04
0x0E56
L
Starting Address 0x0A40
0x40
0x0E57
L
0x0A
0x0E58
L
PLL_2
operational
controls
Size of transfer: five bytes
0x04
0x0E59
L
Starting Address 0x0A60
0x60
0x0E5A
L
0x0A
0x0E5B
L
PLL_3
operational
controls
Size of transfer: five bytes
0x04
0x0E5C
L
Starting Address 0x0A80
0x80
0x0E5D
L
0x0A
0x0E5E
L
IO_UPDATE
Command: IO_UPDATE
0x80
0x0E5F
L
Calibrate
APLLs
Command: calibrate output PLLs
0x92
0x0E60
L
Sync
outputs
Command: distribution sync
0xA0
0x0E61
L
End of data
Command: end of data
0xFF
0x0E62
to
0x0E6F
L
Unused
Unused (available for additional data transfers and/or commands)
0x00
VCAL Reference Control
0x0FFF
VCAL
reference
access
VCAL reference access
0x00
0x1488
APLL_0 VCAL
reference
Reserved
APLL_0 manual cal level,
Bits[1:0]
En APLL_0 man
cal level
0x00
0x1588
APLL_1 VCAL
reference
Reserved
APLL_1 manual cal level,
Bits[1:0]
En APLL_1 man
cal level
0x00
0x1688
APLL_2 VCAL
reference
Reserved
APLL_2 manual cal level,
Bits[1:0]
En APLL_2 man
cal level
0x00
0x1788
APLL_3 VCAL
reference
Reserved
APLL_3 manual cal level,
Bits[1:0]
En APLL_3 man
cal level
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com