Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 71Page - Analog Devices AD9554BCPZ Datasheet HTML 72Page - Analog Devices AD9554BCPZ Datasheet HTML 73Page - Analog Devices AD9554BCPZ Datasheet HTML 74Page - Analog Devices AD9554BCPZ Datasheet HTML 75Page - Analog Devices AD9554BCPZ Datasheet HTML 76Page - Analog Devices AD9554BCPZ Datasheet HTML 77Page - Analog Devices AD9554BCPZ Datasheet HTML 78Page - Analog Devices AD9554BCPZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 75 of 116
Table 47. Pad Control for Mx Pins
Address
Bits
Bit Name
Description
0x011E
7
M7 configuration
M7 pin output drive strength.
0 (default) = high (approximately 6 mA) drive strength.
1 = low (approximately 3 mA) drive strength.
6
M6 configuration
Same as Bit 7 of this register, except that it applies to the M6 pin.
5
M5 configuration
Same as Bit 7 of this register, except that it applies to the M5 pin.
4
M4 configuration
Same as Bit 7 of this register, except that it applies to the M4 pin.
3
M3 configuration
Same as Bit 7 of this register, except that it applies to the M3 pin.
2
M2 configuration
Same as Bit 7 of this register, except that it applies to the M2 pin.
1
M1 configuration
Same as Bit 7 of this register, except that it applies to the M1 pin.
0
M0 configuration
Same as Bit 7 of this register, except that it applies to the M0 pin.
0x011F
[7:3]
Reserved
Default: 00000b.
2
SPI configuration
Same as Bit 7 of Register 0x011E, except that it applies to the M6 pin.
1
M9 configuration
Same as Bit 7 of Register 0x011E, except that it applies to the M9 pin.
0
M8 configuration
Same as Bit 7 of Register 0x011E, except that it applies to the M8 pin.
SYSTEM CLOCK (REGISTER 0x0200 TO REGISTER 0x0208)
Table 48. System Clock PLL Feedback Divider (K Divider) and Configuration
Address
Bits
Bit Name
Description
0x0200
[7:0]
System clock K divider, Bits[7:0]
System clock PLL feedback divider value = 4 ≤ K ≤ 255. Default: 0x00.
Table 49. SYSCLK Configuration
Address
Bits
Bit Name
Description
0x0201
[7:4]
Reserved
Reserved.
3
SYSCLK XTAL enable
Enables the crystal maintaining amplifier for the system clock input.
1 (default) = crystal mode (crystal maintaining amplifier enabled).
0 = external crystal oscillator or other system clock source.
[2:1]
SYSCLK J1 divider, Bits[1:0]
System clock input divider.
00 (default): ÷1.
01: ÷2.
10: ÷4.
11: ÷8.
0
SYSCLK doubler enable
(J0 divider)
Enables the clock doubler on the system clock input to reduce noise. Setting this
bit may prevent the SYSCLK PLL from locking if the input duty cycle is not close
enough to 50%. See Table 4 for the limits on duty cycle.
0 (default) = disable.
1 = enable.
Table 50. System Clock Reference Frequency
Address
Bits
Bit Name
Description
0x0202
[7:0]
System clock reference frequency (Hz), Bits[23:0]
System clock reference frequency, Bits[7:0]. Default: 0x00.
0x0203
[7:0]
System clock reference frequency, Bits[15:8]. Default: 0x00.
0x0204
[7:0]
System clock reference frequency, Bits[23:16]. Default: 0x00.
0x0205
[7:4]
Reserved
Default: 0x0.
[3:0]
System clock reference frequency(Hz), Bits[27:24]
System clock reference frequency, Bits[27:24]. Default: 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com