Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 58Page - Analog Devices AD9554BCPZ Datasheet HTML 59Page - Analog Devices AD9554BCPZ Datasheet HTML 60Page - Analog Devices AD9554BCPZ Datasheet HTML 61Page - Analog Devices AD9554BCPZ Datasheet HTML 62Page - Analog Devices AD9554BCPZ Datasheet HTML 63Page - Analog Devices AD9554BCPZ Datasheet HTML 64Page - Analog Devices AD9554BCPZ Datasheet HTML 65Page - Analog Devices AD9554BCPZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 62 of 116
Reg
Addr
(Hex)
Option
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
0x0444
W2
DPLL_0
N0 divider
(18 bits)
Digital PLL_0 feedback divider—Integer Part N0, Bits[7:0]
0x00
0x0445
W2
Digital PLL_0 feedback divider—Integer Part N0, Bits[15:8]
0x00
0x0446
W2
Reserved
Digital PLL_0 feedback
divider, Integer Part N0,
Bits[17:16]
0x00
0x0447
W8
DPLL_0
fractional
feedback
divider
(24 bits)
Digital PLL_0 fractional feedback divider—FRAC0, Bits[7:0]
0x00
0x0448
W8
Digital PLL_0 fractional feedback divider—FRAC0, Bits[15:8]
0x00
0x0449
W8
Digital PLL_0 fractional feedback divider—FRAC0, Bits[23:16]
0x00
0x044A
W2
DPLL_0
fractional
feedback
divider
modulus
(24 bits)
Digital PLL_0 feedback divider modulus—MOD0, Bits[7:0]
0x00
0x044B
W2
Digital PLL_0 feedback divider modulus—MOD0, Bits[15:8]
0x00
0x044C
W2
Digital PLL_0 feedback divider modulus—MOD0, Bits[23:16]
0x00
DPLL_0 Settings for Reference Input B
0x044D
Reference
priority
Reserved
REFB priority
Enable REFB
0x00
0x044E
W2, L
DPLL_0
loop BW
(17 bits)
Digital PLL_0 loop bandwidth scaling factor, Bits[7:0] (unit: 0.1 Hz)
0x00
0x044F
W2, L
Digital PLL_0 loop bandwidth scaling factor, Bits[15:8] (unit: 0.1 Hz)
0x00
0x0450
W2, L
Reserved
Base loop
filter
selection
Digital
PLL_0 loop
BW scaling
factor,
Bit 16
0x00
0x0451
W2
DPLL_0
N0 divider
(18 bits)
Digital PLL_0 feedback divider—Integer Part N0, Bits[7:0]
0x00
0x0452
W2
Digital PLL_0 feedback divider—Integer Part N0, Bits[15:8]
0x00
0x0453
W2
Reserved
Digital PLL_0 feedback
divider—Integer Part N0,
Bits[17:16]
0x00
0x0454
W8
DPLL_0
fractional
feedback
divider
(24 bits)
Digital PLL_0 fractional feedback divider—FRAC0, Bits[7:0]
0x00
0x0455
W8
Digital PLL_0 fractional feedback divider—FRAC0, Bits[15:8]
0x00
0x0456
W8
Digital PLL_0 fractional feedback divider—FRAC0, Bits[23:16]
0x00
0x0457
W2
DPLL_0
fractional
feedback
divider
modulus
(24 bits)
Digital PLL_0 feedback divider modulus—MOD0, Bits[7:0]
0x00
0x0458
W2
Digital PLL_0 feedback divider modulus—MOD0, Bits[15:8]
0x00
0x0459
W2
Digital PLL_0 feedback divider modulus—MOD0, Bits[23:16]
0x00
DPLL_0 Settings for Reference Input C
0x045A
Reference
priority
Reserved
REFC priority
Enable REFC
0x00
0x045B
W2, L
DPLL_0
loop BW
(17 bits)
Digital PLL_0 loop bandwidth scaling factor, Bits[7:0] (unit: 0.1 Hz)
0x00
0x045C
W2, L
Digital PLL_0 loop bandwidth scaling factor, Bits[15:8] (unit: 0.1 Hz)
0x00
0x045D
W2, L
Reserved
Base loop
filter
selection
Digital
PLL_0 loop
BW scaling
factor,
Bit 16
0x00
0x045E
W2
DPLL_0
N0 divider
(18 bits)
Digital PLL_0 feedback divider—Integer Part N0, Bits[7:0]
0x00
0x045F
W2
Digital PLL_0 feedback divider—Integer Part N0, Bits[15:8]
0x00
0x0460
W2
Reserved
Digital PLL_0 feedback
divider—Integer Part N0,
Bits[17:16]
0x00
0x0461
W8
DPLL_0
fractional
feedback
divider
(24 bits)
Digital PLL_0 fractional feedback divider—FRAC0, Bits[7:0]
0x00
0x0462
W8
Digital PLL_0 fractional feedback divider—FRAC0, Bits[15:8]
0x00
0x0463
W8
Digital PLL_0 fractional feedback divider—FRAC0, Bits[23:16]
0x00
0x0464
W2
DPLL_0
fractional
feedback
divider
modulus
(24 bits)
Digital PLL_0 feedback divider modulus—MOD0, Bits[7:0]
0x00
0x0465
W2
Digital PLL_0 feedback divider modulus—MOD0, Bits[15:8]
0x00
0x0466
W2
Digital PLL_0 feedback divider modulus—MOD0, Bits[23:16]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com