Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 43Page - Analog Devices AD9554BCPZ Datasheet HTML 44Page - Analog Devices AD9554BCPZ Datasheet HTML 45Page - Analog Devices AD9554BCPZ Datasheet HTML 46Page - Analog Devices AD9554BCPZ Datasheet HTML 47Page - Analog Devices AD9554BCPZ Datasheet HTML 48Page - Analog Devices AD9554BCPZ Datasheet HTML 49Page - Analog Devices AD9554BCPZ Datasheet HTML 50Page - Analog Devices AD9554BCPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 47 of 116
The Condition and Pause Instructions
Condition instructions are those that have a value from 0xB0
to 0xBF. The 0xB1 to 0xBF condition instructions represent
Condition 1 to Condition 15, respectively. The 0xB0 condition
instruction is special because it represents the null condition.
A pause instruction, like an end instruction, is stored at the end
of a sequence of instructions in the scratchpad. When the
controller encounters a pause instruction during an upload
sequence, it keeps the EEPROM address pointer at its last value.
Then, the user can store a new instruction sequence in the
scratchpad and upload the new sequence to the EEPROM. The
new sequence is stored in the EEPROM address locations
immediately following the previously saved sequence. This
process is repeatable until an upload sequence contains an end
instruction. The pause instruction is also useful when used in
conjunction with condition processing. It allows the EEPROM
to contain multiple occurrences of the same registers, with each
occurrence linked to a set of conditions.
EEPROM Upload
o upload data to the EEPROM, take the following steps:
1.
Program the AD9554 to the desired configuration.
2.
Write Register 0x0FFF = 0xF9 to enable the manual VCAL
reference programming.
3.
Write Register 0x0E00 = 0x03 (for 400 kHz transfer rate) or
0x01 for 100 kHz EEPROM transfer rate.
4.
Write Register 0x0E02 = 0x01 to initiate the EEPROM data
storage process. This bit is autoclearing.
5.
Write Register 0x0FFF = 0x00 to disable accidental writes
to registers addresses higher than Register 0x0FFF.
During the upload process, the controller reads the scratchpad
data byte by byte, starting at Register 0x0E10 and incrementing
the scratchpad address pointer, as it goes, until it reaches a
pause or end instruction.
As the controller reads the scratchpad data, it transfers the data
from the scratchpad to the EEPROM (byte by byte) and increments
the EEPROM address pointer accordingly, unless it encounters
a data instruction. A data instruction tells the controller to transfer
data from the device settings portion of the register map to the
EEPROM. The number of bytes to transfer is encoded within
the data instruction, and the starting address for the transfer
appears in the next two bytes in the scratchpad.
When the controller encounters a data instruction, it stores the
instruction in the EEPROM, increments the EEPROM address
pointer, decodes the number of bytes to be transferred, and
increments the scratchpad address pointer.
Then, it retrieves the next two bytes from the scratchpad (the
target address) and increments the scratchpad address pointer by
2. Next, the controller transfers the specified number of bytes
from the register map (beginning at the target address) to the
EEPROM.
When it completes the data transfer, the controller stores a
CRC-32 checksum. Note that, when the controller transfers
data associated with an active register, it actually transfers the
buffered contents of the register (refer to the Buffered/Active
Registers section for details on the difference between buffered
and active registers). The use of the buffered registers (as opposed
to the live registers) allows for the transfer of nonzero autoclearing
register contents.
Conditional processing does not occur during an upload
sequence.
Manual EEPROM Download
An EEPROM download results in a data transfer from the
external EEPROM to the device register map. To download data,
set the autoclearing load from EEPROM bit (Register 0x0E03,
Bit 0). This commands the controller to initiate the EEPROM
download process. During download, the controller reads the
EEPROM data byte by byte, incrementing the EEPROM address
pointer as it goes, until it reaches an end instruction. As the
controller reads the EEPROM data, it executes the stored
instructions, which includes transferring stored data to the
device settings portion of the register map whenever it
encounters a data instruction.
Note that conditional processing is applicable only when
downloading manually. The condition value is stored in
Bits[3:0] of Register 0x0E01. Automatic downloads use a
condition value of 1.
Automatic EEPROM Download
If the M3 pin and M4 pin are high following a power-up, a hard
reset using the RESET pin, or a soft reset (Register 0x0000, Bit 7 =
1), the instruction sequence stored in the external EEPROM
executes automatically.
If M4 is high and M3 is low, the external EEPROM I2C port is
enabled on the M1 and M2 pins; however, the contents of the
external EEPROM are not loaded. In that case, factory defaults
are used.
If M4 is low, the M3 status is ignored, and the external EEPROM
I2C port is disabled. The M1 and M2 pins can be used for other
status and control functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com