Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 60Page - Analog Devices AD9554BCPZ Datasheet HTML 61Page - Analog Devices AD9554BCPZ Datasheet HTML 62Page - Analog Devices AD9554BCPZ Datasheet HTML 63Page - Analog Devices AD9554BCPZ Datasheet HTML 64Page - Analog Devices AD9554BCPZ Datasheet HTML 65Page - Analog Devices AD9554BCPZ Datasheet HTML 66Page - Analog Devices AD9554BCPZ Datasheet HTML 67Page - Analog Devices AD9554BCPZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 64 of 116
Reg
Addr
(Hex)
Option
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
DPLL_2 Settings for Reference Input B
0x064D
to
0x0659
These registers mimic the DPLL_0 settings for Reference Input B registers (0x044D through 0x0459) but the register
addresses are offset by 0x0200. All default values are identical.
DPLL_2 Settings for Reference Input C
0x065A
to
0x0666
These registers mimic the DPLL_0 settings for Reference Input C registers (0x045A through 0x0466) but the register
addresses are offset by 0x0200. All default values are identical.
DPLL_2 Settings for Reference Input D
0x0667
to
0x0673
These registers mimic the DPLL_0 settings for Reference Input D registers (0x0467 through 0x0473) but the register
addresses are offset by 0x0200. All default values are identical.
DPLL_3 General Settings
0x0700
to
0x071E
These registers mimic the DPLL_0 general settings registers (0x0400 through 0x041E) but the register addresses are
offset by 0x0300. All default values are identical.
Output PLL_3 (APLL_3) and Channel 3 Output Drivers
0x0730
to
0x073E
These registers mimic the output PLL_0 (APLL_0) general settings registers (0x0430 through 0x043E) but the register
addresses are offset by 0x0300. All default values are identical.
DPLL_3 Settings for Reference Input A
0x0740
to
0x074C
These registers mimic the DPLL_0 settings for Reference Input A registers (0x0440 through 0x044C) but the register
addresses are offset by 0x0300. All default values are identical.
DPLL_3 Settings for Reference Input B
0x074D
to
0x0759
These registers mimic the DPLL_0 settings for Reference Input B registers (0x044D through 0x0459) but the register
addresses are offset by 0x0300. All default values are identical.
DPLL_3 Settings for Reference Input C
0x075A
to
0x0766
These registers mimic the DPLL_0 Settings for Reference Input C registers (0x045A through 0x0466) but the register
addresses are offset by 0x0300. All default values are identical.
DPLL_3 Settings for Reference Input D
0x0767
to
0x0773
These registers mimic the DPLL_0 Settings for Reference Input D registers (0x0467 through 0x0473) but the register
addresses are offset by 0x0300. All default values are identical.
Digital Loop Filter Coefficients
0x0800
L
Base loop
filter
coefficient
set (normal
phase
margin of
70°)
NPM Alpha-0 linear, Bits[7:0]
0x24
0x0801
L
NPM Alpha-0 linear, Bits[15:8]
0x8C
0x0802
L
Reserved
NPM Alpha-1 exponent, Bits[6:0]
0x49
0x0803
L
NPM Beta-0 linear, Bits[7:0]
0x55
0x0804
L
NPM Beta-0 linear, Bits[15:8]
0xC9
0x0805
L
Reserved
NPM Beta-1 exponent, Bits[6:0]
0x7B
0x0806
L
NPM Gamma-0 linear, Bits[7:0]
0x9C
0x0807
L
NPM Gamma-0 linear, Bits[15:8]
0xFA
0x0808
L
Reserved
NPM Gamma-1 exponent, Bits[6:0]
0x55
0x0809
L
NPM Delta-0 linear, Bits[7:0]
0xEA
0x080A
L
NPM Delta-0 linear, Bits[15:8]
0xE2
0x080B
L
Reserved
NPM Delta-1 exponent, Bits[6:0]
0x57
0x080C
L
Base loop
filter
coefficient
set (high
phase
margin)
HPM Alpha-0 linear, Bits[7:0]
0x8C
0x080D
L
HPM Alpha-0 linear, Bits[15:8]
0xAD
0x080E
L
Reserved
HPM Alpha-1 exponent, Bits[6:0]
0x4C
0x080F
L
HPM Beta-0 linear, Bits[7:0]
0xF5
0x0810
L
HPM Beta-0 linear, Bits[15:8]
0xCB
0x0811
L
Reserved
HPM Beta-1 exponent, Bits[6:0]
0x73
0x0812
L
HPM Gamma-0 linear, Bits[7:0]
0x24
0x0813
L
HPM Gamma-0 linear, Bits[15:8]
0xD8
0x0814
L
Reserved
HPM Gamma-1 exponent, Bits[6:0]
0x59
0x0815
L
HPM Delta-0 linear, Bits[7:0]
0xD2
0x0816
L
HPM Delta-0 linear, Bits[15:8]
0x8D
0x0817
L
Reserved
HPM Delta-1 exponent, Bits[6:0]
0x5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com