Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 14Page - Analog Devices AD9554BCPZ Datasheet HTML 15Page - Analog Devices AD9554BCPZ Datasheet HTML 16Page - Analog Devices AD9554BCPZ Datasheet HTML 17Page - Analog Devices AD9554BCPZ Datasheet HTML 18Page - Analog Devices AD9554BCPZ Datasheet HTML 19Page - Analog Devices AD9554BCPZ Datasheet HTML 20Page - Analog Devices AD9554BCPZ Datasheet HTML 21Page - Analog Devices AD9554BCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 18 of 116
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
8
REFD
I
Differential
input
Complementary Reference D Input. Complementary signal to the input
provided on Pin 7 (REFD). This pin can be left floating if REFD is a single-ended
input or if REFD is not used.
11
REFA
I
Differential
input
Complementary Reference A Input. Complementary signal to the input
provided on Pin 12 (REFA). This pin can be left floating if REFA is a single-ended
input or if REFA is not used.
12
REFA
I
Differential
input
Reference A Input. This internally biased input is typically ac-coupled; when
configured in this manner, it can accept any differential signal with single-
ended swing up to the VDD power supply. If dc-coupled, the input can be
LVDS or single-ended CMOS provided that VIH ≤ VDD.
15
OUT0A
O
HCSL, LVDS-
compatible,
LVPECL-
compatible
PLL0 Complementary Output 0A. Complementary signal to the output
provided on Pin 16 (OUT0A).
16
OUT0A
O
HCSL, LVDS-
compatible,
LVPECL-
compatible
PLL0 Output 0A. This HCSL output can be configured as a LVDS- or LVPECL-
compatible output. LVPECL and LVDS levels can be achieved by ac-coupling
and using the Thevenin equivalent termination as described in the
Input/Output Termination Recommendations section.
18
OUT0B
O
HCSL, LVDS-
compatible,
LVPECL-
compatible
PLL0 Complementary Output 0B. Complementary signal to the output
provided on Pin 19 (OUT0A).
19
OUT0B
O
HCSL, LVDS-
compatible,
LVPECL-
compatible
PLL0 Output 0B. This HCSL output can be configured as a LVDS- or LVPECL-
compatible output. LVPECL and LVDS levels can be achieved by ac-coupling
and using the Thevenin equivalent termination as described in the
Input/Output Termination Recommendations section.
22
LDO_0
I
LDO bypass
APLL_0 Loop Filter Voltage Regulator. Connect a 0.22 μF capacitor from this pin
to ground. This pin is also the ac ground reference for the integrated APLL_0
external loop filter.
23
LF_0
I/O
Loop filter for
APLL_0
Loop Filter Node for the APLL_0. Connect an external 15 nF capacitor from this
pin to Pin 22 (LDO_0).
24
M4
I/O
1.5 V/1.8 V
CMOS
Configurable Input/Output Pin. This pin is used for status and control of the
AD9554. At power-up and reset this pin controls whether or not the M1 and
M2 pins are used for the serial port connection to the optional external
EEPROM. See the Multifunction Pins at Reset/Power-Up section for more
information about internal 100 kΩ pull-up or pull-down resistors. This pin is on
the VDD power domain, and the logic high voltage for this pin matches the
voltage of the VDD pins.
26
SDO
O
CMOS
Serial Data Output (SDO). In 4-wire SPI mode, this pin is used for reading serial
data. The VIH/VOH of this pin tracks the VDD_SP power supply, which can be
1.5 V, 1.8 V, or 2.5 V.
27
SDIO/SDA
I/O
CMOS
In SPI mode, this is the serial data input/output (SDIO) pin. In 4-wire SPI mode,
data is written via this pin. In 3-wire SPI mode, data reads and writes both
occur on this pin. In I2C mode, this is the serial data pin (SDA) pin. There is no
internal pull-up/pull-down resistor on this pin. The VIH/VOH of this pin tracks the
VDD_SP power supply, which can be 1.5 V, 1.8 V, or 2.5 V.
28
SCLK/SCL
I
CMOS
In SPI mode, this is the serial programming clock (SCLK) pin. In I2C mode, this is
the serial clock pin (SCL). The VIH/VOH of this pin tracks the VDD_SP power
supply, which can be 1.5 V, 1.8 V, or 2.5 V.
29
CS
I
CMOS
Chip Select in SPI Mode (CS). Active low input. When programming a device in
SPI, this pin must be held low. In systems where more than one AD9554 is
present, this pin enables individual programming of each AD9554. This pin has
an internal 10 kΩ pull-up resistor. The VIH of this pin tracks the VDD_SP power
supply, which can be 1.5 V, 1.8 V, or 2.5 V.
30
VDD_SP
I
Power
Serial Port Power Supply. The power supply can be 1.5 V, 1.8 V, or 2.5 V. If this
pin is at the same voltage as VDD, it can be connected to VDD pins.
31
RESET
I
1.5 V/1.8 V/
2.5 V CMOS
Chip Reset. When this active low pin is asserted, the chip goes into reset. This
pin has an internal 50 kΩ pull-up resistor. The VIH of this pin tracks the VDD_SP
power supply, which can be 1.5 V, 1.8 V, or 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com