Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 59Page - Analog Devices AD9554BCPZ Datasheet HTML 60Page - Analog Devices AD9554BCPZ Datasheet HTML 61Page - Analog Devices AD9554BCPZ Datasheet HTML 62Page - Analog Devices AD9554BCPZ Datasheet HTML 63Page - Analog Devices AD9554BCPZ Datasheet HTML 64Page - Analog Devices AD9554BCPZ Datasheet HTML 65Page - Analog Devices AD9554BCPZ Datasheet HTML 66Page - Analog Devices AD9554BCPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 63 of 116
Reg
Addr
(Hex)
Option
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
DPLL_0 Settings for Reference Input D
0x0467
Reference
priority
Reserved
REFD priority
Enable
REFD
0x00
0x0468
W2, L
DPLL_0
loop BW
(17 bits)
Digital PLL_0 loop bandwidth scaling factor, Bits[7:0] (unit: 0.1 Hz)
0x00
0x0469
W2, L
Digital PLL_0 loop bandwidth scaling factor, Bits[15:8] (unit: 0.1 Hz)
0x00
0x046A
W2, L
Reserved
Base loop
filter
selection
Digital
PLL_0 loop
BW scaling
factor,
Bit 16
0x00
0x046B
W2
DPLL_0
N0 divider
(18 bits)
Digital PLL_0 feedback divider—Integer Part N0, Bits[7:0]
0x00
0x046C
W2
Digital PLL_0 feedback divider—Integer Part N0, Bits[15:8]
0x00
0x046D
W2
Reserved
Digital PLL_0 feedback
divider—Integer Part N0,
Bits[17:16]
0x00
0x046E
W8
DPLL_0
fractional
feedback
divider
(24 bits)
Digital PLL_0 fractional feedback divider—FRAC0, Bits[7:0]
0x00
0x046F
W8
Digital PLL_0 fractional feedback divider—FRAC0, Bits[15:8]
0x00
0x0470
W8
Digital PLL_0 fractional feedback divider—FRAC0, Bits[23:16]
0x00
0x0471
W2
DPLL_0
fractional
feedback
divider
modulus
(24 bits)
Digital PLL_0 feedback divider modulus—MOD0, Bits[7:0]
0x00
0x0472
W2
Digital PLL_0 feedback divider modulus—MOD0, Bits[15:8]
0x00
0x0473
W2
Digital PLL_0 feedback divider modulus—MOD0, Bits[23:16]
0x00
DPLL_1 General Settings
0x0500
to
0x051E
These registers mimic the DPLL_0 general settings registers (0x0400 through 0x041E) but the register addresses are
offset by 0x0100. All default values are identical.
Output PLL_1 (APLL_1) and Channel 1 Output Drivers
0x0530
to
0x053E
These registers mimic the output PLL_0 (APLL_0) general settings registers (0x0430 through 0x043E) but the register
addresses are offset by 0x0100. All default values are identical.
DPLL_1 Settings for Reference Input A
0x0540
to
0x054C
These registers mimic the DPLL_0 settings for Reference Input A registers (0x0440 through 0x044C) but the register
addresses are offset by 0x0100. All default values are identical.
DPLL_1 Settings for Reference Input B
0x054D
to
0x0559
These registers mimic the DPLL_0 settings for Reference Input B registers (0x044D through 0x0459) but the register
addresses are offset by 0x0100. All default values are identical.
DPLL_1 Settings for Reference Input C
0x055A
to
0x0566
These registers mimic the DPLL_0 settings for Reference Input C registers (0x045A through 0x0466) but the register
addresses are offset by 0x0100. All default values are identical.
DPLL_1 Settings for Reference Input D
0x0567
to
0x0573
These registers mimic the DPLL_0 settings for Reference Input D registers (0x0467 through 0x0473) but the register
addresses are offset by 0x0100. All default values are identical.
DPLL_2 General Settings
0x0600
to
0x061E
These registers mimic the DPLL_0 general settings registers (0x0400 through 0x041E) but the register addresses are
offset by 0x0200. All default values are identical.
Output PLL_2 (APLL_2) and Channel 2 Output Drivers
0x0630
to
0x063E
These registers mimic the output PLL_0 (APLL_0) general settings registers (0x0430 through 0x043E) but the register
addresses are offset by 0x0200. All default values are identical.
DPLL_2 Settings for Reference Input A
0x0640
to
0x064C
These registers mimic the DPLL_0 settings for Reference Input A registers (0x0440 through 0x044C) but the register
addresses are offset by 0x0200. All default values are identical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com