Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 21Page - Analog Devices AD9554BCPZ Datasheet HTML 22Page - Analog Devices AD9554BCPZ Datasheet HTML 23Page - Analog Devices AD9554BCPZ Datasheet HTML 24Page - Analog Devices AD9554BCPZ Datasheet HTML 25Page - Analog Devices AD9554BCPZ Datasheet HTML 26Page - Analog Devices AD9554BCPZ Datasheet HTML 27Page - Analog Devices AD9554BCPZ Datasheet HTML 28Page - Analog Devices AD9554BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 25 of 116
GETTING STARTED
CHIP POWER MONITOR AND STARTUP
The AD9554 monitors the voltage on the power supplies at
power-up. The VDD pins provide power to the internal voltage
regulators to provide a 1.2 V supply to the chip. When the
internal 1.2 V supply is greater than 0.96 V ± 0.1 V, the device
generates a 25 ms reset pulse. The power-up reset pulse is
internal and independent of the RESET pin. This internal
power-up reset sequence eliminates the need for the user to
provide external power supply sequencing. The M0 pin to M8
pin values are latched 25 ms after the internal reset pulse, and
the M0 to M9 multifunction pins behave as high impedance
digital inputs and continue to do so until otherwise
programmed. Activating the RESET pin initiates the same
sequence with respect to the multifunction pins. Wait a
minimum of 25 ms before programming the device to ensure
that the power-on reset (POR) has completed.
MULTIFUNCTION PINS AT RESET/POWER-UP
The AD9554 Mx pins (where x is 0 through 9) have internal
100 kΩ pull-up/pull-down resistors, except for M1 and M2, and
the Mx pin defaults are detailed in Table 21. Note that M0, M5,
M6, and M7, are not mentioned in Table 21 for they are not
used for the EEPROM function.
Table 21. Mx Pin Function at Startup
Mx
Pin
Startup
Function
Internal
Resistor
High
(Logic 1)
Low
(Logic 0)
M0
I²C address
select
100 kΩ
pull-down
Refer to
Table 22
Refer to
Table 22
M1
EEPROM
SCL
None
Not
applicable
Not
applicable
M2
EEPROM
SDA
None
Not
applicable
Not
applicable
M3
Load
EEPROM at
startup
100 kΩ
pull-down
Loaded
EEPROM
Do not load
EEPROM1
M4
EEPROM
I²C enabled
on M2 and
M1 pins
100 kΩ
pull-down
I²C mode on
M2 and M1
pins
Normal Mx
pin function
on M1and M21
M5
SPI/I²C
select
100 kΩ
pull-down
I²C
SPI1
M6
I²C address
select
100 kΩ
pull-up
Refer to
Table 22
Refer to
Table 22
M7
I²C address
select
100 kΩ
pull-down
Refer to
Table 22
Refer to
Table 22
M8
EEPROM
fast I²C
mode
100 kΩ
pull-up
400 kHz1
100 kHz
M9
None
100 kΩ
pull-down
Not
applicable
Not
applicable1
1 Power-on default via a 100 kΩ internal pull-up/pull-down resistor. M1 and
M2 do not have internal pull-up/pull-down resistors.
Table 22. SPI/I2C Serial Port Setup
M7
M6
M5
M0
SPI/I²C Address
Don’t care
0
0
Don’t care
Not applicable
Don’t care
1
0
Don’t care
Analog Devices, Inc.,
unified SPI (default)
0
0
1
0
I²C, 1101000 (0x68)
0
1
1
0
I²C, 1101001 (0x69)1
1
0
1
0
I²C, 1101010 (0x6A)
1
1
1
0
I²C, 1101011 (0x6B)
0
0
1
1
I²C, 1101100 (0x6C)
0
1
1
1
I²C, 1101101 (0x6D)
1
0
1
1
I²C, 1101110 (0x6E)
1
1
1
1
I²C, 1101111 (0x6F)
1 If M5 is high, the I²C power-on default is via internal pull-up/pull-down
resistors. By pulling M5 high, the user selects I²C mode; the default I²C
address is 0x69.
DEVICE REGISTER PROGRAMMING USING A
REGISTER SETUP FILE
The evaluation software contains a programming wizard and a
convenient graphical user interface (GUI) that assists the user
in determining the optimal configuration for the DPLLs,
APLLs, and SYSCLK based on the desired input and output
frequencies. It generates a register setup file with a .STP
extension that is easily readable using a text editor.
The user can configure PLL_0 through PLL_3 independently.
To do so, program the common registers (such as the system
clock and reference inputs) first. Next, the registers that are
unique to PLL_0, PLL_1, PLL_2, or PLL_3 can be configured
independently.
After using the evaluation software to create the setup file, use
the sequence shown in Figure 26 through Figure 29 to program
the AD9554.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com