Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 74Page - Analog Devices AD9554BCPZ Datasheet HTML 75Page - Analog Devices AD9554BCPZ Datasheet HTML 76Page - Analog Devices AD9554BCPZ Datasheet HTML 77Page - Analog Devices AD9554BCPZ Datasheet HTML 78Page - Analog Devices AD9554BCPZ Datasheet HTML 79Page - Analog Devices AD9554BCPZ Datasheet HTML 80Page - Analog Devices AD9554BCPZ Datasheet HTML 81Page - Analog Devices AD9554BCPZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 78 of 116
REFERENCE INPUT B (REGISTER 0x0320 TO REGISTER 0x033E)
These registers mimic the Reference Input A registers (Register 0x0300 through Register 0x031E) but the register addresses are offset by
0x0020. All default values are identical.
REFERENCE INPUT C (REGISTER 0x0340 TO REGISTER 0x035E)
These registers mimic the Reference Input A registers (Register 0x0300 through Register 0x031E) but the register addresses are offset by
0x0040. All default values are identical.
REFERENCE INPUT D (REGISTER 0x0360 TO REGISTER 0x037E)
These registers mimic the Reference Input A registers (Register 0x0300 through Register 0x031E) but the register addresses are offset by
0x0060. All default values are identical.
DPLL_0 CONTROLS (REGISTER 0x0400 TO REGISTER 0x041E)
Table 59. DPLL_0 Free Run Frequency Tuning Word
Address
Bits
Bit Name
Description
0x0400
[7:0]
30-bit free running frequency tuning word Bits[23:0]
Free running frequency tuning word, Bits[7:0]. Default: 0x00.
0x0401
[7:0]
Free running frequency tuning word, Bits[15:8]. Default: 0x00.
0x0402
[7:0]
Free running frequency tuning word, Bits[23:16]. Default: 0x00.
0x0403
[7:6]
Reserved
Default: 00b.
[5:0]
30-bit free running frequency tuning word Bits[29:24]
Free running frequency tuning word, Bits[29:24]. Default: 0x00.
Table 60. DPLL_0 DCO Integer
Address
Bits
Bit Name
Description
0x0404
[7:4]
Reserved
This register is used internally. It is usually 0x1 but may differ depending on how the device is configured.
When writing to this register, read the current value and write the same value back to this register.
[3:0]
DCO integer,
Bits[3:0]
This register contains the integer part of the DCO frequency divider. Valid values are 0x7 to 0xD, and
the AD9554 evaluation software frequency planning wizard can help determine the optimal value.
Default: 0x7.
Table 61. DPLL_0 Frequency Clamp
Address
Bits
Bit Name
Description
0x0405
[7:0]
Lower limit of pull-in range,
Bits [15:0]
Lower limit pull-in range, Bits[7:0]. The value in these registers is the 20 most significant
bits of the lowest allowable tuning word used by the DPLL. Default: 0xCC.
0x0406
[7:0]
Lower limit pull-in range, Bits[15:8]. Default: 0xCC.
0x0407
[7:4]
Reserved
Default: 0x0.
[3:0]
Lower limit of pull-in range,
Bits[19:16]
Lower limit pull-in range, Bits[19:16]. Default: 0x0.
0x0408
[7:0]
Upper limit of pull-in range,
Bits[15:0]
Upper limit pull-in range, Bits[7:0]. Default: 0x33.
0x0409
[7:0]
Upper limit pull-in range, Bits[15:8]. Default: 0x33.
0x040A
[7:4]
Reserved
Default: 0x0.
[3:0]
Upper limit of pull-in range,
Bits[19:16]
Upper limit pull-in range, Bits[19:16]. Default: 0xF.
Table 62. DPLL_0 Holdover History
Address
Bits
Bit Name
Description
0x040B
[7:0]
DPLL_0 history
accumulation timer (ms),
Bits[15:0]
History accumulation timer, Bits[7:0]. Default: 0x0A. For Register 0x040B and
Register 0x040C, 0x000A = 10 ms. Maximum: 65 sec. This register controls the amount of
tuning word averaging that determines the tuning word used in holdover. Behavior is
undefined for a timer value of 0. Default value: 0x000A = 10 ms.
0x040C
[7:0]
History accumulation timer, Bits[15:8]. Default: 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com