Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 13Page - Analog Devices AD9554BCPZ Datasheet HTML 14Page - Analog Devices AD9554BCPZ Datasheet HTML 15Page - Analog Devices AD9554BCPZ Datasheet HTML 16Page - Analog Devices AD9554BCPZ Datasheet HTML 17Page - Analog Devices AD9554BCPZ Datasheet HTML 18Page - Analog Devices AD9554BCPZ Datasheet HTML 19Page - Analog Devices AD9554BCPZ Datasheet HTML 20Page - Analog Devices AD9554BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 17 of 116
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OUT3B
VDD
OUT3A
OUT3A
VDD
M3
REFD
REFD
VDD
VDD
REFA
REFA
M0
VDD
OUT0A
OUT0A
17
VDD
18
OUT0B
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
OUT2B
VDD
OUT2A
OUT2A
VDD
M2
REFC
REFC
VDD
VDD
REFB
REFB
M1
VDD
OUT1A
OUT1A
VDD
OUT1B
PIN 1
INDICATOR
AD9554
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PADDLE IS THE GROUND CONNECTION ON THE CHIP.
IT MUST BE SOLDERED TO THE ANALOG GROUND OF THE PCB TO
ENSURE PROPER FUNCTIONALITY AND HEAT DISSIPATION, NOISE,
AND MECHANICAL STRENGTH BENEFITS.
Figure 2. Pin Configuration
Table 20. Pin Function Descriptions
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
1
OUT3B
O
HCSL, LVDS-
compatible,
LVPECL-
Compatible
PLL3 Complementary Output 3B. Complementary signal to the output provided
on Pin 72 (OUT3B).
2, 5, 9, 10, 14,
17, 20, 21, 25,
34, 35, 38, 41,
45, 46, 50, 53,
56, 57, 62, 70,
71
VDD
I
Power
1.5 V or 1.8 V Power Supply. See the Power Supply Partitions section for
information about the recommended grouping of the power supply pins.
3
OUT3A
O
HCSL, LVDS-
compatible,
LVPECL-
compatible
PLL3 Output 3A. This HCSL output can be configured as a LVDS- or LVPECL-
compatible output. LVPECL and LVDS levels can be achieved by ac coupling
and using the Thevenin equivalent termination as described in the
Input/Output Termination Recommendations section.
4
OUT3A
O
HCSL, LVDS-
compatible,
LVPECL-
compatible
PLL3 Complementary Output 3A. Complementary signal to the output
provided on Pin 3 (OUT3A).
6, 13, 42, 49
M3, M0, M1,
M2
I/O
1.5 V/1.8 V
CMOS
Configurable Input/Output Pins. These pins are used for status and control of
the AD9554. These pins are also used at power-up and reset to control the
optional external EEPROM. See the Multifunction Pins at Reset/Power-Up
section for more information about the internal 100 kΩ pull-up or pull-down
resistors. These pins are on the VDD power domain (Pin 9, Pin 10, Pin 45, and
Pin 46), and the logic high voltage for this pin matches the voltage of the VDD
pins.
7
REFD
I
Differential
input
Reference D Input. This internally biased input is typically ac-coupled; when
configured in this manner, it can accept any differential signal with single-
ended swing up to the VDD power supply. If dc-coupled, the input can be
LVDS or single-ended CMOS provided that VIH ≤ VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com