Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 29Page - Analog Devices AD9554BCPZ Datasheet HTML 30Page - Analog Devices AD9554BCPZ Datasheet HTML 31Page - Analog Devices AD9554BCPZ Datasheet HTML 32Page - Analog Devices AD9554BCPZ Datasheet HTML 33Page - Analog Devices AD9554BCPZ Datasheet HTML 34Page - Analog Devices AD9554BCPZ Datasheet HTML 35Page - Analog Devices AD9554BCPZ Datasheet HTML 36Page - Analog Devices AD9554BCPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 33 of 116
THEORY OF OPERATION
XOA
XOB
REFA
REFA
A
REFB
REFB
B
REFC
REFC
C
REFD
REFD
D
÷2, ÷4, ÷8
×2
÷RA
÷RB
÷RC
÷RD
REFERENCE
MONITORS
AND
CROSSPOINT
MUX
SYSCLK
MULTIPLIER
REF
OR
XTAL
SYSTEM
CLOCK
LOOP
FILTER
OUT1A
OUT1A
OUT1B
OUT1B
÷Q0_B
DPFD
TW
CLAMP
NCO_0
FRAC0 ÷ MOD0
÷N0
÷M0
÷P0
PFD/CP
LF
FREE RUN
TUNING
WORD
VCO_0
2424MHz TO 3132MHz
÷Q0_A
OUT0B
OUT0B
OUT0A
OUT0A
RESET
SCLK/SCL
SDIO/SDA
CS
SDO
CONTROL
INTERFACE/LOGIC
AND
EEPROM INTERFACE
INPUT REFERENCE
FREQUENCY RANGE:
2kHz TO 1000MHz
PLL0
SAME DETAIL AS PLL0
VCO_1 RANGE = 3232MHz TO 3905MHz
OUT2A
OUT2A
OUT2B
OUT2B
OUT3A
OUT3A
OUT3B
OUT3B
SAME DETAIL AS PLL0
VCO_2 RANGE = 4842MHz TO 5650MHz
SAME DETAIL AS PLL0
VCO_3 RANGE = 4040MHz TO 4748MHz
PLL1
PLL2
PLL3
Figure 30. Detailed Block Diagram
OVERVIEW
The AD9554 provides clocking outputs that are directly related
in phase and frequency to the selected (active) reference but
with jitter characteristics governed by the system clock, the
DCO, and the analog output PLL (APLL). The AD9554 can be
thought of as four copies of the AD9557 inside one package,
with a 4:4 crosspoint controlling the reference inputs. The
AD9554 supports up to four reference inputs and input
frequencies ranging from 2 kHz to 1000 MHz. The cores of this
device are four digital phase-locked loops (DPLLs). Each DPLL
has a programmable digital loop filter that greatly reduces jitter
transferred from the active reference to the output, and these four
DPLLs operate completely independently of each other. The
AD9554 supports both manual and automatic holdover. While in
holdover, the AD9554 continues to provide an output as long as
the system clock is present. The holdover output frequency is a
time average of the output frequency history prior to the
transition to the holdover condition. The device offers manual
and automatic reference switchover capability if the active
reference is degraded or fails completely. The AD9554 also has
adaptive clocking capability that allows the user to dynamically
change the DPLL divide ratios while the DPLLs are locked.
The AD9554 includes a system clock multiplier, four DPLLs,
and four APLLs. The input signal goes first to the DPLL, which
performs the jitter cleaning and most of the frequency translation.
Each DPLL features a 30-bit DCO output that generates a signal
in the range of 283 MHz to 345 MHz.
The DCO output goes to the APLL, which multiplies the signal
up to a range of 2.4 GHz to 5.6 GHz. This signal is then sent to the
clock distribution section, which consists of a P divider cascaded
with 10-bit channel dividers (divide by 1 to divide by 1024).
The XOA and XOB inputs provide the input for the system
clock. These pins accept a reference clock in the 10 MHz to
268 MHz range or a 10 MHz to 50 MHz crystal connected
directly across the XOA and XOB inputs. The system clock
provides the clocks to the frequency monitors, the DPLLs, and
internal switching logic.
Each APLL on the AD9554 has two differential output drivers.
Each of the eight output drivers has a dedicated 10-bit
programmable post divider. Each differential driver operates up
to 1.25 GHz and is an HCSL driver with a 58 Ω internal
termination resistor on each leg. There are three drive strengths:
The 14 mA mode is used for HCSL and ac-coupled LVDS.
When used as an LVDS-compatible driver, it must be ac-
coupled and terminated with a 100 Ω resistor across the
differential pair.
The 28 mA mode produces a voltage swing and is compatible
with LVPECL. If LVPECL signal levels are required, the
designer must ac-couple the AD9554 output.
The 21 mA mode is halfway in between the two other
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com