Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 6Page - Analog Devices AD9554BCPZ Datasheet HTML 7Page - Analog Devices AD9554BCPZ Datasheet HTML 8Page - Analog Devices AD9554BCPZ Datasheet HTML 9Page - Analog Devices AD9554BCPZ Datasheet HTML 10Page - Analog Devices AD9554BCPZ Datasheet HTML 11Page - Analog Devices AD9554BCPZ Datasheet HTML 12Page - Analog Devices AD9554BCPZ Datasheet HTML 13Page - Analog Devices AD9554BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 10 of 116
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Duty Cycle
Up to fOUT = 750 MHz
45
50
55
%
Up to fOUT = 941 MHz
44
50
56
%
Up to fOUT = 1250 MHz
50
%
Differential Output Voltage Swing
Differential voltage swing between output pins;
measured with output driver static; peak-to-peak
differential output amplitude 2× this level with
driver toggling; see Figure 13 for output
amplitude vs. output frequency
No External Termination Resistor
779
1180
1510
mV
With 50 Ω Termination Resistor to Ground
on Each Leg
413
625
800
mV
Common-Mode Output Voltage
206
312
400
mV
Output driver static with 50 Ω resistor to ground
on each leg
Reference Input-to-Output Delay Variation
over Temperature
600
fs/°C
DPLL locked to same input reference at all times;
stable system clock source (noncrystal)
Static Phase Offset Variation from Active
Reference to Output over Voltage
Extremes
±75
fs/mV
28 mA (LVPECL-COMPATIBLE) MODE
Specifications for dc-coupled, 50 Ω termination
resistor from each leg to ground; ac coupling
used in most applications; output current setting
= 28 mA; in this mode, user must have either a
50 Ω resistor from each leg to ground, or a 100 Ω
resistor across the differential pair
Output Frequency
0.430
941
MHz
Frequency range all four PLLs can be generated
using unique VCO frequencies; frequencies
outside this range are possible on some of the PLLs,
but can result in increased VCO coupling due to
multiple PLLs using the same VCO frequency
Continuous Output Frequency Range
0.430
781
MHz
Frequency range for each PLL such that all four
PLLs are using unique VCO frequencies with no
frequency gaps
Maximum Output Frequency
PLL0 to PLL3 Using Unique VCO
Frequencies
941
MHz
Maximum frequency all four PLLs can generate
using unique VCO frequencies
PLL0, PLL1, and PLL2
1250
MHz
Limited by 1250 MHz maximum input frequency
to channel divider (Q divider)
PLL3
1187
MHz
Limited by 4748 MHz maximum VCO frequency
Rise/Fall Time (20% to 80%)1
185
280
ps
Duty Cycle
Up to fOUT = 750 MHz
45
50
55
%
Up to fOUT = 941 MHz
44
50
56
%
Up to fOUT = 1250 MHz
50
%
Differential Output Voltage Swing
540
830
1020
mV
Differential voltage swing between output pins;
measured with output driver static; peak-to-peak
differential output amplitude 2× this level with
driver toggling; see Figure 10 for output
amplitude vs. output frequency
Common-Mode Output Voltage
275
415
510
mV
Output driver static; 50 Ω external termination
resistor from each leg to ground
Reference Input-to-Output Delay Variation
over Temperature
600
fs/°C
DPLL locked to same input reference at all times;
stable system clock source (noncrystal)
Static Phase Offset Variation from Active
Reference to Output over Voltage
Extremes
±75
fs/mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com