Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 98 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 94Page - Analog Devices AD9554BCPZ Datasheet HTML 95Page - Analog Devices AD9554BCPZ Datasheet HTML 96Page - Analog Devices AD9554BCPZ Datasheet HTML 97Page - Analog Devices AD9554BCPZ Datasheet HTML 98Page - Analog Devices AD9554BCPZ Datasheet HTML 99Page - Analog Devices AD9554BCPZ Datasheet HTML 100Page - Analog Devices AD9554BCPZ Datasheet HTML 101Page - Analog Devices AD9554BCPZ Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 98 of 116
Address
Bits
Bit Name
Description
2
SYSCLK calibration busy
Indicates the status of the system clock calibration.
0 (default) = normal operation.
1 = system clock calibration in progress.
1
SYSCLK stable
The control logic sets this bit when the device considers the system clock to be stable (see the
System Clock Stability Timer section).
0
SYSCLK lock detect
Indicates the status of the system clock PLL.
0 = unlocked.
1 = locked.
Table 118. Status of Reference Inputs
Address
Bits
Bit Name
Description
0x0D02
7
DPLL_3 REFA active
This bit is 1 if DPLL_3 is either locked to or attempting to lock to REFA.
6
DPLL_2 REFA active
This bit is 1 if DPLL_2 is either locked to or attempting to lock to REFA.
5
DPLL_1 REFA active
This bit is 1 if DPLL_1 is either locked to or attempting to lock to REFA.
4
DPLL_0 REFA active
This bit is 1 if DPLL_0 is either locked to or attempting to lock to REFA.
3
REFA valid
This bit is 1 if the REFA frequency is within the programmed limits and the validation timer has
expired.
2
REFA fault
This bit is 1 if the REFA frequency is outside of the programmed limits.
1
REFA fast
This bit is 1 if the REFA frequency is higher than allowed by its profile settings.
(Note that if no REFA input is detected, the REFA fast and slow bits may both be high.)
0
REFA slow
This bit is 1 if the REFA frequency is lower than allowed by its profile settings.
0x0D03
7
DPLL_3 REFB active
This bit is 1 if DPLL_3 is either locked to or attempting to lock to REFB.
6
DPLL_2 REFB active
This bit is 1 if DPLL_2 is either locked to or attempting to lock to REFB.
5
DPLL_1 REFB active
This bit is 1 if DPLL_1 is either locked to or attempting to lock to REFB.
4
DPLL_0 REFB active
This bit is 1 if DPLL_0 is either locked to or attempting to lock to REFB.
3
REFB valid
This bit is 1 if the REFB frequency is within the programmed limits and the validation timer has
expired.
2
REFB fault
This bit is 1 if the REFB frequency is outside of the programmed limits.
1
REFB fast
This bit is 1 if the REFB frequency is higher than allowed by its profile settings.
(Note that if no REFB input is detected, the REFB fast and slow bits may both be high.)
0
REFB slow
This bit is 1 if the REFB frequency is lower than allowed by its profile settings.
0x0D04
7
DPLL_3 REFC active
This bit is 1 if DPLL_3 is either locked to or attempting to lock to REFC.
6
DPLL_2 REFC active
This bit is 1 if DPLL_2 is either locked to or attempting to lock to REFC.
5
DPLL_1 REFC active
This bit is 1 if DPLL_1 is either locked to or attempting to lock to REFC.
4
DPLL_0 REFC active
This bit is 1 if DPLL_0 is either locked to or attempting to lock to REFC.
3
REFC valid
This bit is 1 if the REFC frequency is within the programmed limits and the validation timer has
expired.
2
REFC fault
This bit is 1 if the REFC frequency is outside of the programmed limits.
1
REFC fast
This bit is 1 if the REFC frequency is higher than allowed by its profile settings.
(Note that if no REFC input is detected, the REFC fast and slow bits may both be high.)
0
REFC slow
This bit is 1 if the REFC frequency is lower than allowed by its profile settings.
0x0D05
7
DPLL_3 REFD active
This bit is 1 if DPLL_3 is either locked to or attempting to lock to REFD.
6
DPLL_2 REFD active
This bit is 1 if DPLL_2 is either locked to or attempting to lock to REFD.
5
DPLL_1 REFD active
This bit is 1 if DPLL_1 is either locked to or attempting to lock to REFD.
4
DPLL_0 REFD active
This bit is 1 if DPLL_0 is either locked to or attempting to lock to REFD.
3
REFD valid
This bit is 1 if the REFD frequency is within the programmed limits and the validation timer has
expired.
2
REFD fault
This bit is 1 if the REFD frequency is outside of the programmed limits.
1
REFD fast
This bit is 1 if the REFD frequency is higher than allowed by its profile settings.
(Note that if no REFD input is detected, the REFD fast and slow bits may both be high.)
0
REFD slow
This bit is 1 if the REFD frequency is lower than allowed by its profile settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com