Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 70 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 66Page - Analog Devices AD9554BCPZ Datasheet HTML 67Page - Analog Devices AD9554BCPZ Datasheet HTML 68Page - Analog Devices AD9554BCPZ Datasheet HTML 69Page - Analog Devices AD9554BCPZ Datasheet HTML 70Page - Analog Devices AD9554BCPZ Datasheet HTML 71Page - Analog Devices AD9554BCPZ Datasheet HTML 72Page - Analog Devices AD9554BCPZ Datasheet HTML 73Page - Analog Devices AD9554BCPZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 70 of 116
REGISTER MAP BIT DESCRIPTIONS
SERIAL CONTROL PORT CONFIGURATION (REGISTER 0x0000 TO REGISTER 0x0001)
Table 33. SPI Configuration A (Note that the contents of Register 0x0000 are not stored to the EEPROM.)
Address
Bits
Bit Name
Description
0x0000
7
Soft reset (SPI only)
Device reset (invokes an EEPROM download or pin program ROM download if EEPROM is
enabled).
6
LSB first (SPI only)
Bit order for SPI port. This bit has no effect in I²C mode.
1 = least significant bit first.
0 (default) = most significant bit first.
5
Address ascension (SPI only)
This bit controls whether the register address is automatically incremented during a
multibyte transfer. This bit has no effect in I²C mode.
1 = Register addresses are automatically incremented in multibyte transfers.
0 (default) = Register addresses are automatically decremented in multibyte transfers.
4
SDO active (SPI only)
Enables SPI port SDO pin. This bit has no effect in I²C mode.
1 = 4-wire mode (SDO pin enabled).
0 (default) = 3-wire mode.
[3:0]
These bits are mirrors of Bits[7:4] of this register so that when the serial port is configured, the
pattern written is independent of an MSB first/LSB first setting interpretation. The
AD9554 internal logic performs a logical OR on the corresponding bits.
Bit 3 corresponds to Bit 4.
Bit 2 corresponds to Bit 5.
Bit 1 corresponds to Bit 6.
Bit 0 corresponds to Bit 7.
Table 34. SPI Configuration B (Note that the contents of Register 0x0001 are not stored to the EEPROM.)
Address
Bits
Bit Name
Description
0x0001
[7:6]
Reserved
Reserved.
5
Read buffer register
For buffered registers, this bit controls whether the value read from the serial port is from the
actual (active) registers or the buffered copy.
1 = reads buffered values that take effect on the next assertion of IO_UPDATE.
0 (default) = reads values currently applied to the internal logic of the device.
[4:3]
Reserved
Reserved.
2
Reset sans regmap
This bit resets the device while maintaining the current register settings.
1 = resets the device.
0 (default) = no action.
[1:0]
Reserved
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com