Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 2Page - Analog Devices AD9554BCPZ Datasheet HTML 3Page - Analog Devices AD9554BCPZ Datasheet HTML 4Page - Analog Devices AD9554BCPZ Datasheet HTML 5Page - Analog Devices AD9554BCPZ Datasheet HTML 6Page - Analog Devices AD9554BCPZ Datasheet HTML 7Page - Analog Devices AD9554BCPZ Datasheet HTML 8Page - Analog Devices AD9554BCPZ Datasheet HTML 9Page - Analog Devices AD9554BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 6 of 116
POWER DISSIPATION
Typical (typ) values apply for VDD = 1.8 V and maximum (max) values for VDD = 1.89 V.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION
Typical Configuration
0.94
1.1
W
System clock: 49.152 MHz crystal; four DPLLs active;
two 19.44 MHz input references in differential mode;
four ac-coupled output drivers in 21 mA mode at
644.53125 MHz
All Blocks Running
1.3
1.47
W
System clock: 49.152 MHz crystal; four DPLLs active, four
19.44 MHz input references in differential mode; eight
ac-coupled output drivers in 28 mA mode at 750 MHz
Full Power-Down
174
mW
Measured using the Typical Configuration parameter
(see Table 3) and then setting the full power down bit
Incremental Power Dissipation
Typical configuration; table values show the change in
power due to the indicated operation
Complete DPLL/APLL On/Off
190
mW
Power delta computed relative to the typical configuration;
the blocks powered down include one reference input,
one DPLL, one APLL, one P divider, two channel dividers,
and one output driver in 21 mA mode
Input Reference On/Off
Differential (Normal Mode)
22.5
mW
fREF = 19.44 MHz
Differential (DC-Coupled LVDS)
24.6
mW
fREF = 19.44 MHz
Single-Ended
14.3
mW
fREF = 19.44 MHz
Output Distribution Driver On/Off
28 mA Mode (at 644.53 MHz)
70
mW
21 mA Mode (at 644.53 MHz)
48
mW
14 mA mode (at 644.53 MHz)
23.6
mW
SYSTEM CLOCK INPUTS (XOA, XOB)
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SYSTEM CLOCK MULTIPLIER
PLL Output Frequency Range
2250
2415
MHz
Voltage controlled oscillator (VCO) range can place
limitations on nonstandard system clock input frequencies
Phase Frequency Detector (PFD) Rate
10
300
MHz
Frequency Multiplication Range
8
241
Assumes valid system clock and PFD rates
SYSTEM CLOCK REFERENCE INPUT PATH
System clock input must be ac-coupled
Input Frequency Range
System Clock Input Doubler Disabled
10
268
MHz
System Clock Input Doubler Enabled
16
150
MHz
Minimum Input Slew Rate
250
V/μs
Minimum limit imposed for jitter performance
Self-Biased Common-Mode Voltage
0.72
V
Internally generated
Input High Voltage
0.9
V
For ac-coupled single-ended operation
Input Low Voltage
0.5
V
For ac-coupled single-ended operation
Differential Input Voltage Sensitivity
250
mV p-p
Minimum voltage across pins required to ensure
switching between logic states; the instantaneous voltage
on either pin must not exceed 1.14 V; single-ended input
can be accommodated by ac grounding complementary
input; 800 mV p-p recommended for optimal jitter
performance
System Clock Input Doubler Duty Cycle
Amount of duty-cycle variation that can be tolerated on
the system clock input to use the doubler
System Clock Input = 20 MHz to 150 MHz
43
50
57
%
System Clock Input = 16 MHz to 20 MHz
47
50
53
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com