Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 57Page - Analog Devices AD9554BCPZ Datasheet HTML 58Page - Analog Devices AD9554BCPZ Datasheet HTML 59Page - Analog Devices AD9554BCPZ Datasheet HTML 60Page - Analog Devices AD9554BCPZ Datasheet HTML 61Page - Analog Devices AD9554BCPZ Datasheet HTML 62Page - Analog Devices AD9554BCPZ Datasheet HTML 63Page - Analog Devices AD9554BCPZ Datasheet HTML 64Page - Analog Devices AD9554BCPZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 61 of 116
Reg
Addr
(Hex)
Option
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
0x040D
DPLL_0
history
mode
Reserved
Single
sample
fallback
Persistent
history
Incremental average, Bits[2:0]
0x00
0x040E
DPLL_0
closed loop
phase offset
(±0.5 ms)
Fixed phase offset (signed; ps), Bits[7:0]
0x00
0x040F
Fixed phase offset (signed; ps), Bits[15:8]
0x00
0x0410
Fixed phase offset (signed; ps), Bits[23:16]
0x00
0x0411
Reserved
Fixed phase offset (signed; ps), Bits[29:24]
0x00
0x0412
Incremental phase offset step size (ps/step), Bits[7:0] (up to 65.5 ns/step)
0x00
0x0413
Incremental phase offset step size (ps/step), Bits[15:8] (up to 65.5 ns/step)
0x00
0x0414
DPLL_0
phase
slew limit
Phase slew rate limit (μs/sec), Bits[7:0] (315 μs/sec up to 65.536 ms/sec)
0x00
0x0415
Phase slew rate limit (μs/sec), Bits[15:8] (315 μs/sec up to 65.536 ms/sec)
0x00
0x0416
Demap
enable
Reserved
Enable
demap
controller
0x00
0x0417
Demap
sampled
address
Sampled address, Bits[7:0]
0x00
0x0418
Sampled address, Bits[15:8]
0x00
0x0419
Demap
set point
address
Set point address, Bits[7:0]
0x00
0x041A
Set point address, Bits[15:8]
0x00
0x041B
Demap
gain control
Gain, Bits[7:0]
0x00
0x041C
Gain, Bits[15:8]
0x00
0x041D
Gain, Bits[23:16]
0x00
0x041E
Demap
clamp
control
Clamp value, Bits[7:0]
0x00
Output PLL_0 (APLL_0) and Channel 0 Output Drivers
0x0430
APLL_0
charge
pump
Reserved
Output PLL0 (APLL_0) charge pump current, Bits[6:0]
0x2E
0x0431
APLL_0
M0 divider
Output PLL0 (APLL_0) feedback (M0) divider, Bits[7:0]
0x00
0x0432
APLL_0
loop filter
control
APLL_0 loop filter control, Bits[7:0]
0x7F
0x0433
Reserved
P0 divider
reset
APLL_0
loop filter
control,
Bit 8
0x00
0x0434
P0 divider
Reserved
P0 divider divide ratio, Bits[3:0]
0x00
0x0435
OUT0 sync
Reserved
Sync source
selection
Auto sync mode, Bits[1:0]
0x00
0x0436
Reserved
APLL_0 mask
sync
Mask
OUT0B
sync
Mask
OUT0A sync
0x00
0x0437
OUT0A
Reserved
OUT0A mode
Invert
polarity
0x00
0x0438
Q0_A
divider
Q0_A divider, Bits[7:0]
0x00
0x0439
Reserved
Q0_A divider, Bits[9:8]
0x00
0x043A
Reserved
Q0_A divider phase, Bits[5:0]
0x00
0x043B
OUT0B
Reserved
OUT0B mode
Invert
polarity
0x08
0x043C
Q0_B
divider
Q0_B divider, Bits[7:0]
0x00
0x043D
Reserved
Q0_B divider, Bits[9:8]
0x00
0x043E
Reserved
Q0_B divider phase, Bits[5:0]
0x00
DPLL_0 Settings for Reference Input A
0x0440
Reference
priority
Reserved
REFA priority
Enable
REFA
0x00
0x0441
W2, L
DPLL_0
loop BW
(17 bits)
Digital PLL_0 loop bandwidth scaling factor, Bits[7:0] (in units of 0.1 Hz)
0x00
0x0442
W2, L
Digital PLL_0 loop bandwidth scaling factor, Bits[15:8] (in units of 0.1 Hz)
0x00
0x0443
W2, L
Reserved
Base loop
filter
selection
Digital
PLL_0 loop
BW scaling
factor, Bit 16
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com